Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6410IUD-6-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6410IUD-6-TRPBF
Description  Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6410IUD-6-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6410IUD-6-TRPBF Datasheet HTML 3Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 4Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 5Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 6Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 7Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 8Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 9Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 10Page - Linear Technology LTC6410IUD-6-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6410-6
7
64106fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Third Order Intercept
vs Frequency
Third Order Intermodulation
Distortion vs Frequency vs Power
Third Order Intermodulation
Distortion vs Temperature
Output 1dB Compression
vs Frequency
Output Third Order Intercept
vs Frequency
Output 1dB Compression
vs Frequency
Distortion
vs Common Mode Voltage
Output Third Order Intercept
vs Frequency (ZIN = 200Ω)
Third Order Intermodulation
Distortion vs Frequency
vs Power (ZIN = 200Ω)
FREQUENCY (MHz)
0
32
34
36
400
64106 G01
30
28
22
100
200
300
50
150
250
350
26
24
40
38
V+ = 3V
V= 0V
ZIN = 50Ω
RL = 50Ω
VBIAS = 1.5V
POUT = 0dBm
FREQUENCY (MHz)
0
32
34
36
400
64106 G02
30
28
22
100
200
300
50
150
250
350
26
24
38
V+ = 3V
V= 0V
ZIN = 200Ω
RL = 50Ω
VBIAS = 1.5V
POUT = 0dBm
OUTPUT POWER (dBm)
–5
–100
–90
–70
–60
–50
0
–30
–2.5
0
64106 G03
–80
–20
–10
–40
2.5
5
380MHz
240MHz
30MHz
10MHz
70MHz
140MHz
V+ = 3V
V= 0V
ZIN = 50Ω
RL = 50Ω
OUTPUT POWER (dBm)
–5
–90
–70
–60
–50
0
–30
–2.5
0
64106 G04
–80
–20
–10
–40
2.5
5
380MHz
10MHz
V+ = 3V
V= 0V
ZIN = 200Ω
RL = 50Ω
VBIAS = 1.5V
240MHz
140MHz
70MHz
30MHz
TEMPERATURE (°C)
–50
–60.0
–55.0
150
64106 G05
–65.0
–70.0
0
50
100
–25
25
75
125
–50.0
–62.5
–57.5
–67.5
–52.5
V+ = 3V
V= 0V
ZIN = 50Ω
RL = 50Ω
FREQ = 139.5MHz, 140.5MHz
POUT = 0dBm
VBIAS = 1.5V
FREQUENCY (MHz)
0
15
16
17
400
64106 G06
14
13
10
100
200
300
50
150
250
350
12
11
19
18
ZIN = 50Ω
V+ = 3V
V= 0V
VBIAS = 1.5V
FREQUENCY (MHz)
0
34
36
38
300
64106 G07
32
30
100
200
50
350
150
250
400
28
26
40
V+ = 5V
V= 0V
ZIN = 50Ω
RL = 50Ω
VBIAS = 2.5V
POUT = 0dBm
FREQUENCY (MHz)
0
15
16
17
400
64106 G08
14
13
10
100
200
300
50
150
250
350
12
11
19
18
V+ = 5V
V= 0V
VBIAS = 2.5V
VBIAS (V)
1.2
15
20
25
1.5
1.7
64106 G09
10
5
0
1.3
1.4
1.6
30
35
40
1.8
V+ = 3V
V= 0V
ZIN = 50Ω
RL = 50Ω
FREQ = 139.5MHz, 140MHz
POUT = 0dBm


Similar Part No. - LTC6410IUD-6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
More results

Similar Description - LTC6410IUD-6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com