Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1747CFW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1747CFW
Description  12-Bit, 80Msps Low Noise ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1747CFW Datasheet(HTML) 5 Page - Linear Technology

  LTC1747CFW Datasheet HTML 1Page - Linear Technology LTC1747CFW Datasheet HTML 2Page - Linear Technology LTC1747CFW Datasheet HTML 3Page - Linear Technology LTC1747CFW Datasheet HTML 4Page - Linear Technology LTC1747CFW Datasheet HTML 5Page - Linear Technology LTC1747CFW Datasheet HTML 6Page - Linear Technology LTC1747CFW Datasheet HTML 7Page - Linear Technology LTC1747CFW Datasheet HTML 8Page - Linear Technology LTC1747CFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1747
1747fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND (unless otherwise
noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND, they will be
clamped by internal diodes. This product can handle input currents of
>100mA below GND without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 80MHz, differential ENC/ENC = 2VP-P 80MHz
sine wave, input range =
±1.6V differential, unless otherwise specified.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar offset is the offset voltage measured from – 0.5 LSB
when the output code flickers between 0000 0000 0000 and
1111 1111 1111.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
INL, 3.2V Range
DNL, 3.2V Range
Averaged 8192 Point FFT,
5.2MHz Input, –1dB, 3.2V Range
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1
TA = 25°C
0.4
1024
2048
1747 G01
–0.6
0.6
0.8
0.2
3072
4096
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1
TA = 25°C
0.4
1024
2048
1747 G02
–0.6
0.6
0.8
0.2
3072
4096
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G04
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
Averaged 8192 Point FFT,
5.2MHz Input, –10dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G05
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
Averaged 8192 Point FFT,
5.2MHz Input, –20dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G06
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C


Similar Part No. - LTC1747CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results

Similar Description - LTC1747CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2239 LINER-LTC2239 Datasheet
559Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
   12-Bit, 80Msps, 3.3V ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com