Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6410CUD-6-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6410CUD-6-PBF
Description  Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6410CUD-6-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6410CUD-6-PBF Datasheet HTML 1Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 2Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 3Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 4Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 5Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 6Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 7Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 8Page - Linear Technology LTC6410CUD-6-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6410-6
2
64106fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ................................5.5V
Amplifier Input Current (DC)
(+IN, –IN, +TERM, –TERM) .............................±10mA
Amplifier Input Power (AC)
(+IN, –IN, +TERM, –TERM) .............................18dBm
Input Current (VBIAS, SHDN)................................±10mA
Output Current (+OUT, –OUT) ..............................±50mA
Operating Temperature Range (Note 2).... –40°C to 85°C
Specified Temperature Range (Note 3) .... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Junction Temperature .......................................... 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, SHDN = 2V, +IN is shorted to +TERM, –IN is
shorted to –TERM, VBIAS = 1.5V, +IN = –IN = 1.5V, input source resistance (RS) is 25Ω on each input (50Ω differential), RL = 50Ω from
+OUT to –OUT, unless otherwise noted. VBIAS is defined as the voltage on the VBIAS pin. VOUTCM is defined as (+OUT + –OUT)/2. VINCM
is defined as (+IN + –IN)/2. VINDIFF is defined as (+IN – –IN). VOUTDIFF is defined as (+OUT – –OUT). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GDIFF
Differential Gain
(Low Frequency S21)
VINDIFF = ±0.2V
l
5.0
4.7
6.0
6.7
7.0
dB
dB
TC GDIFF
Differential Gain Temperature
Coefficient
l
0.003
dB/°C
VSWINGDIFF
Differential Output Voltage Swing
VOUTDIFF, VINDIFF = ±2V
l
2.2
2.0
2.8
VP-P
VP-P
VSWINGMIN
Output Swing Low
Single-Ended +OUT, –OUT, VINDIFF = ±2V
l
0.7
0.9
1.0
V
V
VSWINGMAX
Output Swing High
Single-Ended +OUT, –OUT, VINDIFF = ±2V
l
1.9
1.8
2.1
V
V
IOUT
Output Current Drive
Short +OUT to –OUT, VINDIFF = ±2V (Note 4)
l
±38
±36
±42
mA
mA
VOS
Input Offset Voltage
l
–2.0
–3.0
0.4
2.0
3.0
mV
mV
PIN CONFIGURATION
3V DC ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (Notes 2, 3)
LTC6410CUD-6#PBF
LTC6410CUD-6#TRPBF
LDBG
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC6410IUD-6#PBF
LTC6410IUD-6#TRPBF
LDBG
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
V
VBIAS
V+
V
V
SHDN
V+
V
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
ORDER INFORMATION


Similar Part No. - LTC6410CUD-6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
More results

Similar Description - LTC6410CUD-6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com