Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6405IMS8E-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6405IMS8E-PBF
Description  2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6405IMS8E-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6405IMS8E-PBF Datasheet HTML 6Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 7Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 8Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 9Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 10Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 11Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 12Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 13Page - Linear Technology LTC6405IMS8E-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6405
10
6405fa
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion vs Frequency
Harmonic Distortion
vs Input Amplitude
Frequency Response
vs Load Capacitance
Harmonic Distortion vs Frequency
Harmonic Distortion
vs Input Amplitude
FREQUENCY (MHz)
6405 G28
VS = 5V
VOCM = VICM = 2.5V
RLOAD = 400
RI = RF = 300 , CF = 1pF
CAPACITOR VALUES ARE FROM EACH
OUTPUT TO GROUND.
NO SERIES RESISTORS ARE USED.
30
20
10
0
–50
–40
–30
–20
–10
CL = 10pF
1
100
10
1000 2000
CL = 0pF
FREQUENCY (MHz)
6405 G29
VS = 5V
VOCM =VICM = 2.5V
VTIP = OPEN (2.8V)
RLOAD = 800
RI = RF = 300
VOUTDIFF = 2VP-P
DIFFERENTIAL INPUTS
–30
–40
–50
–60
–70
–80
–90
–110
–100
HD3
HD2
1
100
10
INPUT AMPLITUDE (dBm)
6405 G30
VS = 5V
VOCM = VICM = 2.5V
VTIP = OPEN (2.8V)
fIN = 50MHz
RLOAD = 800
RI = RF = 300
DIFFERENTIAL INPUTS
HD2
HD3
–40
–50
–60
–70
–80
–90
–100
–2
8
6
4
2
0
–4
(0.4VP-P)
10
(2VP-P)
FREQUENCY (MHz)
6405 G31
VS = 5V
VOCM =VICM = 2.5V
VTIP = OPEN (2.8V)
RLOAD = 800
RI = RF = 300
VOUTDIFF = 2VP-P
SINGLE-ENDED INPUT
–30
–40
–50
–60
–70
–80
–90
–110
–100
HD3
HD2
1
100
10
INPUT AMPLITUDE (dBm)
6405 G32
HD2
HD3
–40
–50
–60
–70
–80
–90
–100
–2
8
6
4
2
0
–4
(0.4VP-P)
10
(2VP-P)
VS = 5V
VOCM = VICM = 2.5V
VTIP = OPEN (2.8V)
fIN = 50MHz
RLOAD = 800
RI = RF = 300
SINGLE-ENDED INPUT
(MSOP Package)


Similar Part No. - LTC6405IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6405IMS8E LINER-LTC6405IMS8E Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LTC6405IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com