Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6404IUD-2-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6404IUD-2-PBF
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404IUD-2-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6404IUD-2-PBF Datasheet HTML 2Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 3Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 4Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 5Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 6Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 7Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 8Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 9Page - Linear Technology LTC6404IUD-2-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC6404
6
6404f
The
l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VCM = VOCM = VICM = Mid-Supply,
VSHDN = OPEN, RI = 100Ω, RF = 200Ω, RL = 200Ω (See Figure 2) unless otherwise noted. VS is defined (V+ – V).
VOUTCM = (VOUT+ + VOUT–)/2. VICM is defined as (VIN+ + VIN–)/2. VOUTDIFF is defined as (VOUT+ – VOUT–). VINDIFF = (VINP – VINM).
LTC6404-2 AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
VS = 3V to 5V
700
V/μs
GBW
Gain-Bandwidth Product
VS = 3V to 5V, RI = 100Ω, RF = 499Ω,
fTEST = 500MHz
900
MHz
f3dB
–3dB Frequency (See Figure 2)
VS = 3V to 5V
l
300
600
MHz
HDSEIN
10MHz Distortion
VS = 3V, VOUTDIFF = 2VP-P
Single-Ended Input
2nd Harmonic
3rd Harmonic
–95
–96
dBc
dBc
HDDIFFIN
10MHz Distortion
VS = 3V, VOUTDIFF = 2VP-P
Differential Input
2nd Harmonic
3rd Harmonic
–98
–99
dBc
dBc
IMD10M
Third-Order IMD at 10MHz
f1 = 9.5MHz, f2 = 10.5MHz
VS = 3V, VOUTDIFF = 2VP-P
–100
dBc
OIP310M
OIP3 at 10MHz (Note 12)
53
dBm
tS
Settling Time
2V Step at Output
1% Settling
0.1% Settling
0.01% Settling
9
12
15
ns
ns
ns
NF
Noise Figure, RS = 50Ω
f = 10MHz
10
dB
f3dBFILTER
Differential Filter 3dB Bandwidth (Note 13)
88.5
MHz
The
l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VCM = VOCM = VICM = Mid-Supply,
VSHDN = OPEN, RI = 100Ω, RF = 402Ω, RL = 200Ω (See Figure 2) unless otherwise noted. VS is defined (V+ – V).
VOUTCM = (VOUT+ + VOUT–)/2. VICM is defined as (VIN+ + VIN–)/2. VOUTDIFF is defined as (VOUT+ – VOUT–). VINDIFF = (VINP – VINM).
LTC6404-4 AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
VS = 3V to 5V
1200
V/μs
GBW
Gain-Bandwidth Product
VS = 3V to 5V, RI = 100Ω, RF = 499Ω,
fTEST = 500MHz
1700
MHz
f3dB
–3dB Frequency (See Figure 2)
VS = 3V to 5V
l
300
530
MHz
HDSEIN
10MHz Distortion
VS = 3V, VOUTDIFF = 2VP-P
Single-Ended Input
2nd Harmonic
3rd Harmonic
–97
–98
dBc
dBc
HDDIFFIN
10MHz Distortion
VS = 3V, VOUTDIFF = 2VP-P
Differential Input
2nd Harmonic
3rd Harmonic
–100
–101
dBc
dBc
IMD10M
Third-Order IMD at 10MHz
f1 = 9.5MHz, f2 = 10.5MHz
VS = 3V, VOUTDIFF = 2VP-P
–101
dBc
OIP310M
OIP3 at 10MHz (Note 12)
54
dBm
tS
Settling Time
2V Step at Output
1% Settling
0.1% Settling
0.01% Settling
8
11
14
ns
ns
ns
NF
Noise Figure, RS = 50Ω
f = 10MHz
8
dB
f3dBFILTER
Differential Filter 3dB Bandwidth (Note 13)
88.5
MHz


Similar Part No. - LTC6404IUD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6404-1 LINER-LTC6404-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6404-1 LINER-LTC6404-1 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6404IUD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com