Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1745CFW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1745CFW
Description  Low Noise,12-Bit, 25Msps ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745CFW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1745CFW Datasheet HTML 7Page - Linear Technology LTC1745CFW Datasheet HTML 8Page - Linear Technology LTC1745CFW Datasheet HTML 9Page - Linear Technology LTC1745CFW Datasheet HTML 10Page - Linear Technology LTC1745CFW Datasheet HTML 11Page - Linear Technology LTC1745CFW Datasheet HTML 12Page - Linear Technology LTC1745CFW Datasheet HTML 13Page - Linear Technology LTC1745CFW Datasheet HTML 14Page - Linear Technology LTC1745CFW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1745
1745f
CONVERTER OPERATION
As shown in Figure 1, the LTC1745 is a CMOS pipelined
multistep converter. The converter has four pipelined ADC
stages; a sampled analog input will result in a digitized
value five cycles later, see the Timing Diagram section.
The analog input is differential for improved common
mode noise immunity and to maximize the input range.
Additionally, the differential input drive will reduce even
order harmonics of the sample-and-hold circuit. The en-
code input is also differential for improved common mode
noise immunity.
The LTC1745 has two phases of operation, determined by
the state of the differential ENC/ENC input pins. For
brevity, the text will refer to ENC greater than ENC as ENC
high and ENC less than ENC as ENC low.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage residue amplifier.
In operation, the ADC quantizes the input to the stage and
the quantized value is subtracted from the input by the
DAC to produce a residue. The residue is amplified and
output by the residue amplifier. Successive stages operate
out of phase so that when the odd stages are outputting
their residue, the even stages are acquiring that residue
and visa versa.
APPLICATIO S I FOR ATIO
DIFF
REF
AMP
REF
BUF
INTERNAL
CLOCK SIGNALS
INTERNAL
REFERENCES TO ADC
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
2.35V
REFERENCE
ENC
ENC
OUTPUT
DRIVERS
SHIFT REGISTER AND CORRECTION
OE
MSBINV
OGND
OF
OVDD
0.5V TO
5V
D11
D0
CLKOUT
1745 F01
INPUT
S/H
FIRST STAGE
SENSE
VCM
AIN
AIN
+
4.7
µF
SECOND STAGE
THIRD STAGE
FOURTH STAGE
5-BIT
PIPELINED
ADC STAGE
4-BIT
PIPELINED
ADC STAGE
4-BIT
PIPELINED
ADC STAGE
4-BIT
FLASH
ADC
CONTROL
LOGIC
REFLA
REFHB
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
Figure 1. Functional Block Diagram


Similar Part No. - LTC1745CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
More results

Similar Description - LTC1745CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC2226H LINER-LTC2226H Datasheet
190Kb / 16P
   12-Bit, 25Msps 125째C ADC in LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com