Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6404HUD-1-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6404HUD-1-PBF
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404HUD-1-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6404HUD-1-PBF Datasheet HTML 6Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 7Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 8Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 9Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 10Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 11Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 12Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 13Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC6404
10
6404f
Distortion vs Output Amplitude
LTC6404-1 Driving LTC2207
16-Bit ADC
LTC6404-1 Driving LTC2207
16-Bit ADC
Voltage Noise Density vs
Frequency
64041 G19
HD2
HD3
VOUTDIFF (VP-P)
–110
–30
–40
–50
–60
–70
–80
–90
–100
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
RF = RI = 100Ω
VIN = SINGLE-ENDED INPUT
fIN = 10MHz
03
15
24
64041 G20
HD2
HD3
HD7
HD9
HD5
HD4
FREQUENCY (MHz)
–120
0
–20
–40
–60
–80
–100
VCM = VOCM = 1.7V
VS = 3.3V
RF = RI = 100Ω
VIN = 2VP-P DIFFERENTIAL
fSAMPLE = 105Msps
10MHz, 4092 POINT FFT
FUNDAMENTAL = –1dBFS
HD2 = –98.8dBc
HD3 = –90.2dBc
030
10
50
20
40
FREQUENCY (MHz)
0.01
1
100
1000
0.1
10
64041 G22
1
10
100
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
RF = RI = 100Ω
DIFFERENTIAL INPUT
REFERRED
COMMON MODE
64041 G21
HD2
HD3
HD7
HD8
HD9
HD5
HD4
FREQUENCY (MHz)
–120
0
–20
–40
–60
–80
–100
VCM = VOCM = 1.5V
VS = 3V
RF = RI = 100Ω
VIN = 2VP-P DIFFERENTIAL
fSAMPLE = 105Msps
10MHz, 65536 POINT FFT
FUNDAMENTAL = –1dBFS
HD2 = –90.7dBc
HD3 = –86.6dBc
030
10
50
20
40
LTC6404-1 Noise Figure vs
Frequency
FREQUENCY (MHz)
0
12
8
4
28
24
20
16
64041 G23
10
1000
100
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 25°C
SEE FIGURE 2 CIRCUIT
LTC6404-1 TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC6404HUD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6404-1 LINER-LTC6404-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6404-1 LINER-LTC6404-1 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6404HUD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com