Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6404HUD-1-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6404HUD-1-PBF
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404HUD-1-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6404HUD-1-PBF Datasheet HTML 3Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 4Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 5Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 6Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 7Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 8Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 9Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 10Page - Linear Technology LTC6404HUD-1-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6404
7
6404f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs IN+, INare protected by a pair of back-to-back diodes.
If the differential input voltage exceeds 1.4V, the input current should be
limited to less than 10mA. Input pins (IN+, IN, VOCM and SHDN) are also
protected by steering diodes to either supply. If the inputs should exceed
either supply voltage, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely. Long-term application of output currents in excess of the
absolute maximum ratings may impair the life of the device.
Note 4: The LTC6404C/LTC6404I are guaranteed functional over the
operating temperature range –40°C to 85°C. The LTC6404H is guaranteed
functional over the operating temperature range –40°C to 125°C.
Note 5: The LTC6404C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6404C is designed, characterized, and expected
to meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures. The LTC6404I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6404H is guaranteed
to meet specified performance from –40°C to 125°C.
Note 6: Input bias current is defined as the average of the input currents
flowing into Pin 6 and Pin 15 (INand IN+). Input offset current is defined
as the difference of the input currents flowing into Pin 15 and Pin 6
(IOS = IB+ – IB–)
Note 7: Input common mode range is tested using the test circuit of
Figure 1 by measuring the differential gain with a ±1V differential output
with VICM = mid-supply, and with VICM at the input common mode range
limits listed in the Electrical Characteristics table, verifying the differential
gain has not deviated from the mid-supply common mode input case
by more than 1%, and the common mode offset (VOSCM) has not
deviated from the zero bias common mode offset by more than ±15mV
(LTC6404-1), ±20mV (LTC6404-2) or ±40mV (LTC6404-4).
The voltage range for the output common mode range is tested using the
test circuit of Figure 1 by applying a voltage on the VOCM pin and testing at
both mid-supply and at the Electrical Characteristics table limits to verify
that the the common mode offset (VOSCM) has not deviated by more than
±15mV (LTC6404-1), ±20mV (LTC6404-2) or ±40mV (LTC6404-4).
Note 8: Input CMRR is defined as the ratio of the change in the input
common mode voltage at the pins IN+ or INto the change in differential
input referred voltage offset. Output CMRR is defined as the ratio of the
change in the voltage at the VOCM pin to the change in differential input
referred voltage offset. These specifications are strongly dependent on
feedback ratio matching between the two outputs and their respective
inputs, and is difficult to measure actual amplifier performance. (See “The
Effects of Resistor Pair Mismatch” in the Applications Information section
of this data sheet. For a better indicator of actual amplifier performance
independent of feedback component matching, refer to the PSRR
specification.
Note 9: Differential power supply rejection (PSRR) is defined as the ratio
of the change in supply voltage to the change in differential input referred
voltage offset. Common mode power supply rejection (PSRRCM) is
defined as the ratio of the change in supply voltage to the change in the
common mode offset, VOUTCM – VOCM.
Note 10: This parameter is pulse tested. Output swings are measured as
differences between the output and the respective power supply rail.
Note 11: This parameter is pulse tested. Extended operation with the
output shorted may cause junction temperatures to exceed the 125°C limit
and is not recommended. See Note 3 for more details.
Note 12: Since the LTC6404 is a voltage feedback amplifier with low
output impedance, a resistive load is not required when driving an ADC.
Therefore, typical output power is very small. In order to compare the
LTC6404 with amplifiers that require 50
Ω output loads, output swing of
the LTC6404 driving an ADC is converted into an “effective” OIP3 as if the
LTC6404 were driving a 50Ω load.
Note 13: The capacitors used to set the filter pole might have up to ±15%
variation. The resistors used to set the filter pole might have up to ±12%
variation.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC6404HUD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6404-1 LINER-LTC6404-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6404-1 LINER-LTC6404-1 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6404HUD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com