Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401IUD-26-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6401IUD-26-PBF
Description  1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401IUD-26-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6401IUD-26-PBF Datasheet HTML 2Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 3Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 4Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 5Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 6Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 7Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 8Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 9Page - Linear Technology LTC6401IUD-26-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6401-26
6
640126f
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response
Gain 0.1dB Flatness
S21 Phase and Group Delay vs
Frequency
Input and Output Reflection and
Reverse Isoloation vs Frequency
Input and Output Impedance vs
Frequency
PSRR and CMRR vs Frequency
FREQUENCY (MHz)
10
0
5
10
15
20
30
100
1000
3000
640126 G01
25
TEST CIRCUIT B
FREQUENCY (MHz)
10
–1.0
–0.6
–0.2
0.2
0.6
100
1000
3000
640126 G02
1.0
–0.8
–0.4
0
0.4
0.8
TEST CIRCUIT B
FREQUENCY (MHz)
0
–100
–50
800
640126 G03
–150
–200
200
400
600
1000
0
0.4
0.6
0.2
0
0.8
TEST CIRCUIT B
GROUP DELAY
PHASE
FREQUENCY (MHz)
10
–70
–60
–40
–20
–50
–30
–10
0
100
1000
3000
640126 G04
TEST CIRCUIT B
S11
S22
S12
FREQUENCY (MHz)
10
0
60
120
100
1000
640126 G05
180
30
90
150
0
10
20
30
40
60
50
ZIN MAG
ZOUT MAG
ZIN PHASE
ZOUT PHASE
FREQUENCY (MHz)
1
0
80
100
120
10
100
1000
640126 G06
60
40
20
CMRR
PSRR


Similar Part No. - LTC6401IUD-26-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401IUD-20PBF LINER-LTC6401IUD-20PBF Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401IUD-20TRPBF LINER-LTC6401IUD-20TRPBF Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
More results

Similar Description - LTC6401IUD-26-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com