Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401CUD-14-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6401CUD-14-TRPBF
Description  2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401CUD-14-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6401CUD-14-TRPBF Datasheet HTML 6Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 7Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 8Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 9Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 10Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 11Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 12Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 13Page - Linear Technology LTC6401CUD-14-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC6401-14
10
640114f
Referring to Figure 3, LTC6401-14 can be easily configured
for single-ended input and differential output without a
balun. The signal is fed to one of the inputs through a
matching network while the other input is connected to
the same matching network and a source resistor. Because
the return ratios of the two feedback paths are equal, the
two outputs have the same gain and thus symmetrical
swing. In general, the single-ended input impedance and
termination resistor RT are determined by the combination
of RS, RG and RF. For example, when RS is 50Ω, it is found
that the single-ended input impedance is 185Ω and RT is
68.5Ω in order to match to a 50Ω source impedance.
Figure 4. Calculate Differential Gain
APPLICATIONS INFORMATION
Figure 3. Input Termination for Single-Ended 50Ω Input
Impedance
and noise is obvious when constant noise figure circle
and constant gain circle are plotted within the input Smith
Chart, based on which users can choose the optimal source
impedance for a given gain and noise requirement.
Output Impedance Match and Filter
The LTC6401-14 can drive an ADC directly without external
output impedance matching. Alternatively, the differential
output impedance of 25Ω can be made larger, e.g. 50Ω,
by series resistors or LC network.
The internal low pass filter outputs at +OUTF/–OUTF
have a –3dB bandwidth of 590MHz. External capacitors
can reduce the lowpass filter bandwidth as shown in
Figure 5. A bandpass filter is easily implemented with
Figure 5. LTC6401-14 Internal Filter Topology Modified for Low
Filter Bandwidth (Three External Capacitors)
640114 F03
+OUT
+OUTF
–OUTF
–OUT
+IN
IN+
OUT–
IN–
OUT+
+IN
–IN
–IN
100
Ω
RT
68.5
Ω
0.1
μF
0.1
μF
12.5
Ω
500
Ω
LTC6401-14
100
Ω
RS
50
Ω
VIN
500
Ω
12.5
Ω
50
Ω
50
Ω
2.7pF
13
14
15
16
7
5
6
8
+
0.1
μF
29
Ω
640114 F04
+OUT
+OUTF
–OUTF
–OUT
+IN
IN+
OUT–
IN–
OUT+
+IN
–IN
–IN
100
Ω
12.5
Ω
500
Ω
LTC6401-14
100
Ω
1/2 RS
1/2 RS
VIN
VOUT
500
Ω
12.5
Ω
50
Ω
50
Ω
2.7pF
13
14
15
16
7
5
6
8
+
1/2 RL
1/2 RL
640114 F05
+OUT
+OUTF
–OUTF
–OUT
+IN
IN+
OUT–
IN–
OUT+
+IN
–IN
–IN
100
Ω
12.5
Ω
500
Ω
LTC6401-14
100
Ω
500
Ω
12.5
Ω
50
Ω
50
Ω
2.7pF
13
14
15
16
7
5
6
8
8pF
8pF
12pF
FILTERED OUTPUT
(87.5MHz)
The LTC6401-14 is unconditionally stable, i.e. differential
stability factor Kf>1 and stability measure B1>0. However,
the overall differential gain is affected by both source
impedance and load impedance as shown in Figure 4:
A
V
VR
R
R
V
OUT
IN
S
L
L
==
++
1000
200 25
The noise performance of the LTC6401-14 also depends
upon the source impedance and termination. For example,
an input 1:4 transformer in Figure 2 improves SNR by
adding 6dB gain at the inputs. A trade-off between gain


Similar Part No. - LTC6401CUD-14-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6401CUD-14 LINEAR-LTC6401CUD-14 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
More results

Similar Description - LTC6401CUD-14-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com