Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401-8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6401-8
Description  2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401-8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6401-8 Datasheet HTML 5Page - Linear Technology LTC6401-8 Datasheet HTML 6Page - Linear Technology LTC6401-8 Datasheet HTML 7Page - Linear Technology LTC6401-8 Datasheet HTML 8Page - Linear Technology LTC6401-8 Datasheet HTML 9Page - Linear Technology LTC6401-8 Datasheet HTML 10Page - Linear Technology LTC6401-8 Datasheet HTML 11Page - Linear Technology LTC6401-8 Datasheet HTML 12Page - Linear Technology LTC6401-8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6401-8
9
64018f
APPLICATIONS INFORMATION
Circuit Operation
The LTC6401-8 is a low noise and low distortion fully
differential op amp/ADC driver with:
• Operation from DC to 2.2GHz –3dB bandwidth
• Fixed gain of 2.5V/V (8dB)
• Differential input impedance 400Ω
• Differential output impedance 25Ω
• Differential impedance of output filter 100Ω
The LTC6401-8 is composed of a fully differential amplifier
with on chip feedback and output common mode voltage
control circuitry. Differential gain and input impedance
are set by 200Ω/500Ω resistors in the feedback network.
Small output resistors of 12.5Ω improve the circuit stability
over various load conditions. They also provide a possible
external filtering option, which is often desirable when the
load is an ADC.
Filter resistors of 50Ω are available for additional filtering.
Lowpass/bandpass filters are easily implemented with just
a couple of external components. Moreover, they offer
single-ended 50Ω matching in wideband applications and
no external resistor is needed.
The LTC6401-8 is very flexible in terms of I/O coupling.
It can be AC- or DC-coupled at the inputs, the outputs or
both. Due to the internal connection between input and
output, users are advised to keep input common mode
voltage between 1V and 1.6V for proper operation. If the
inputs are AC-coupled, the input common mode voltage
is automatically biased approximately 250mV above VOCM
and thus no external circuitry is needed for bias. The
LTC6401-8 provides an output common mode voltage
set by VOCM, which allows driving ADC directly without
external components such as transformer or AC coupling
capacitors. The input signal can be either single-ended
or differential with only minor difference in distortion
performance.
Input Impedance and Matching
The differential input impedance of the LTC6401-8 is 400Ω.
Usually the differential inputs need to be terminated to a
lower value impedance, e.g. 50Ω, in order to provide an
impedance match for the source. Several choices are avail-
able. One approach is to use a differential shunt resistor
(Figure 1). Another approach is to employ a wideband
transformer and shunt resistor (Figure 2). Both methods
provide a wideband match. The termination resistor or
the transformer must be placed close to the input pins in
order to minimize the reflection due to input mismatch.
Alternatively, one could apply a narrowband impedance
match at the inputs of the LTC6401-8 for frequency selec-
tion and/or noise reduction.
Figure 1. Input Termination for Differential 50Ω Input Impedance
Using Shunt Resistor
Figure 2. Input Termination for Differential 50Ω Input Impedance
Using a Balun
64018 F01
+OUT
+OUTF
–OUTF
–OUT
+IN
IN+
OUT–
IN–
OUT+
+IN
–IN
–IN
200
Ω
57.6
Ω
12.5
Ω
500
Ω
LTC6401-8
200
Ω
25
Ω
25
Ω
VIN
500
Ω
12.5
Ω
50
Ω
50
Ω
2.7pF
13
14
15
16
7
5
6
8
+
64018 F02
+OUT
+OUTF
–OUTF
–OUT
+IN
IN+
OUT–
IN–
OUT+
+IN
–IN
MINI CIRCUITS
TCM4-19
–IN
200
Ω
12.5
Ω
500
Ω
LTC6401-8
200
Ω
25
Ω
402
Ω
25
Ω
VIN
500
Ω
12.5
Ω
50
Ω
50
Ω
2.7pF
13
14
15
16
7
5
6
8
+
1:4


Similar Part No. - LTC6401-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-8 LINER-LTC6401-8 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6401-8 LINER-LTC6401-8 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-8 LINER-LTC6401-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6401-8 LINER-LTC6401-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6401-8 LINER-LTC6401-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6401-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6400-8 LINER-LTC6400-8 Datasheet
216Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com