Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6400CUD-8-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6400CUD-8-PBF
Description  2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6400CUD-8-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6400CUD-8-PBF Datasheet HTML 4Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 5Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 6Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 7Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 8Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 9Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 10Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 11Page - Linear Technology LTC6400CUD-8-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6400-8
8
64008f
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS
V+ (Pins 1, 3, 10): Positive Power Supply (Normally tied
to 3V or 3.3V). All three pins must be tied to the same
voltage. Bypass each pin with 1000pF and 0.1μF capacitors
as close to the pins as possible.
VOCM (Pin 2): This pin sets the output common mode
voltage. A 0.1μF external bypass capacitor is recom-
mended.
V(Pins 4, 9, 12, 17):
Negative Power Supply. All four
pins must be connected to same voltage/ground.
–OUT, +OUT (Pins 5, 8): Unfiltered Outputs. These pins
have series resistors, ROUT 12.5Ω.
–OUTF, +OUTF (Pins 6, 7): Filtered Outputs. These pins
have 50Ω series resistors and a 2.7pF shunt capacitor.
ENABLE (Pin 11): This pin is a logic input referenced to
VEE. If low, the part is enabled. If high, the part is disabled
and draws very low standby current while the internal op
amp has high output impedance.
+IN (Pins 13, 14): Positive Input. Pins 13 and 14 are
internally shorted together.
–IN (Pins 15, 16): Negative Input. Pins 15 and 16 are
internally shorted together.
Exposed Pad (Pin 17): V. The Exposed Pad must be
connected to same voltage/ground as pins 4, 9, 12.
Turn-On Time
Turn-Off Time
TIME (ns)
0
–20
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
20
40
60
80
64008 G19
+OUT
–OUT
ENABLE
RL = 87.5Ω PER OUTPUT
0
–20
20
40
60
80
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
64008 G20
+OUT
–OUT
ENABLE
RL = 87.5Ω PER OUTPUT
TIME (ns)


Similar Part No. - LTC6400CUD-8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
More results

Similar Description - LTC6400CUD-8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com