Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6104IMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6104IMS8
Description  High Voltage, High Side, Bi-Directional Current Sense Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6104IMS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC6104IMS8 Datasheet HTML 1Page - Linear Technology LTC6104IMS8 Datasheet HTML 2Page - Linear Technology LTC6104IMS8 Datasheet HTML 3Page - Linear Technology LTC6104IMS8 Datasheet HTML 4Page - Linear Technology LTC6104IMS8 Datasheet HTML 5Page - Linear Technology LTC6104IMS8 Datasheet HTML 6Page - Linear Technology LTC6104IMS8 Datasheet HTML 7Page - Linear Technology LTC6104IMS8 Datasheet HTML 8Page - Linear Technology LTC6104IMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6104
2
6104f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (+INB(VS) to V
) ......................70V
Maximum Applied Output Voltage (OUT) ....................9V
Input Current........................................................±10mA
Output Short-Circuit Duration (to V)............... Indefinite
Operating Temperature Range
LTC6104C ............................................ –40°C to 85°C
LTC6104I ............................................. –40°C to 85°C
LTC6104H .......................................... –40°C to 125°C
Specified Temperature Range (Note 2)
LTC6104C ................................................ 0°C to 70°C
LTC6104I ............................................. –40°C to 85°C
LTC6104H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Range
460
V
VOS
Output Offset Voltage
VSENSE = ±5mV, LTC6104
VSENSE = ±5mV, LTC6104C, LTC6104I
VSENSE = ±5mV, LTC6104H
±85
±450
±600
±700
µV
µV
µV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = ±5mV
±1.5
µV/°C
IB
Input Bias Current
RIN = 1M for –INA and –INB
100
170
245
nA
nA
VSENSE(MAX)
(Note 3)
Input Sense Voltage Full Scale
6V ≤ VS ≤ 60V, RIN = 1k, ROUT = 2k, VREF = 2V
±500
mV
VS = 4V, RIN = 1k, ROUT = 1k, VREF = 0.5V when
VSENSE = 500mV, VREF = 1V when VSENSE = –500mV
±500
mV
PSRR
Power Supply Rejection Ratio
VS = 6V to 60V, VSENSE = 5mV
116
112
140
dB
dB
VS = 6V to 60V, VSENSE = –5mV
110
105
120
dB
dB
VS = 4V to 60V, VSENSE = 5mV
110
105
133
dB
dB
VS = 4V to 60V, VSENSE = –5mV
105
100
115
dB
dB
VOUT(MAX)
Maximum Output Voltage
12V ≤ VS ≤ 60V, VSENSE = 90mV, VREF = 4V
VS = 6V, VSENSE = 75mV, VREF = 1.8V, ROUT = 2k
VS = 4V, VSENSE = 35mV, VREF = 0.75V, ROUT = 1k
8
3
1
V
V
V
VOUT(MIN)
Minimum Output Voltage
12V ≤ VS ≤ 60V, VSENSE = –80mV, VREF = 4V
VS = 6V, VSENSE = –90mV, VREF = 1.8V, ROUT = 2k
VS = 4V, VSENSE = –75mV, VREF = 0.75V, ROUT = 1k
0.3
0.3
0.25
V
V
V
1
2
3
4
OUT
NC
NC
V
8
7
6
5
+INA
–INA
–INB
+INB/VS
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 300°C/W
ORDER PART NUMBER
MS8 PART MARKING*
LTC6104CMS8
LTC6104IMS8
LTC6104HMS8
LTCMP
LTCMP
LTCMP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RIN = 100Ω, ROUT = 5k, 4V ≤ +INB(VS) ≤ 60V, V
= 0V, VREF = 2V for
VS ≥ 6V, VREF = 0.75V for VS = 4V, unless otherwise noted.


Similar Part No. - LTC6104IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6104 LINER-LTC6104 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6104 LINER-LTC6104 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
More results

Similar Description - LTC6104IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8210 AD-AD8210 Datasheet
226Kb / 7P
   High-Side Bi-directional Current Shunt Monitor
Rev. PrA
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com