Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6102HDD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6102HDD-PBF
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102HDD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6102HDD-PBF Datasheet HTML 7Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 8Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 9Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 10Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 11Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 12Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 13Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 14Page - Linear Technology LTC6102HDD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6102/LTC6102HV
11
6102fb
must be chosen such that the max output voltage does
not exceed the LTC6102 max output voltage rating. If the
following circuit is a buffer or ADC with limited input range,
then ROUT must be chosen so that IOUT(MAX) • ROUT is less
than the allowed maximum input range of this circuit.
In addition, the output impedance is determined by ROUT. If
the circuit to be driven has high enough input impedance,
then almost any output impedance will be acceptable.
However, if the driven circuit has relatively low input imped-
ance, or draws spikes of current, such as an ADC might
do, then a lower ROUT value may be required in order to
preserve the accuracy of the output. As an example, if the
input impedance of the driven circuit is 100 times ROUT,
then the accuracy of VOUT will be reduced by 1% since:
Error Sources
The current sense system uses an amplifier and resistors
to apply gain and level shift the result. The output is then
dependent on the characteristics of the amplifier, such as
gain and input offset, as well as resistor matching.
Ideally, the circuit output is:
VOUT = VSENSE
ROUT
RIN
;VSENSE =RSENSE •ISENSE
In this case, the only error is due to resistor mismatch,
which provides an error in gain only.
Output Error, EOUT, Due to the Amplifier DC Offset
Voltage, VOS
EOUT(VOS) = VOS • (ROUT/RIN)
The DC offset voltage of the amplifier adds directly to the
value of the sense voltage, VSENSE. This error is very small
(3μV typ) and may be ignored for reasonable values of RIN.
For very high dynamic range, this offset can be calibrated
in the system due to its extremely low drift.
APPLICATIONS INFORMATION
Figure 4. Second Input R Minimizes
Error Due to Input Bias Current
VOUT =IOUT
ROUT •RIN(DRIVEN)
ROUT +RIN(DRIVEN)
=I
OUT •ROUT
100
101
= 0.99 •I
OUT •ROUT
–INF
VREG
0.1μF
–INS
6102 F04
RIN
+ = RINRSENSE
LTC6102
ROUT
VOUT
V+
LOAD
RSENSE
V+
V
OUT
+IN
RIN
RIN
+
Output Error, EOUT, Due to the Bias Currents,
IB(+) and IB(–)
The input bias current of the LTC6102 is vanishingly small.
However, for very high resolution, or at high temperatures
where IB increases due to leakage, the current may be
significant.
The bias current IB(+) flows into the positive input of the
internal op amp. IB(–) flows into the negative input.
EOUT(IBIAS) = ROUT((IB(+) • (RSENSE/RIN) – IB(–))
Since IB(+) ≈ IB(–) = IBIAS, if RSENSE << RIN then,
EOUT(IBIAS) ≈ –ROUT • IBIAS
For instance if IBIAS is 1nA and ROUT is 10k, the output
error is –10μV.
Note that in applications where RSENSE ≈ RIN, IB(+) causes
a voltage offset in RSENSE that cancels the error due to
IB(–) and EOUT(IBIAS) ≈ 0. In applications where RSENSE <
RIN, the bias current error can be similarly reduced if an
external resistor RIN(+) = (RIN – RSENSE) is connected as
shown in Figure 4. Under both conditions:
EOUT(IBIAS) = ± ROUT • IOS; IOS = IB(+) – IB(–)
Adding RIN+ as described will maximize the dynamic
range of the circuit. For less sensitive designs, RIN+ is
not necessary.


Similar Part No. - LTC6102HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
More results

Similar Description - LTC6102HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com