Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6082CDHC-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6082CDHC-TRPBF
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6082CDHC-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6082CDHC-TRPBF Datasheet HTML 1Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 2Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 3Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 4Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 5Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 6Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 7Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 8Page - Linear Technology LTC6082CDHC-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC6081/LTC6082
4
60812f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 3V, V= 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Offset Voltage
LTC6081MS8, LTC6082GN
VCM = 0.5V, 2.5V
LTC6081MS8, LTC6082GN
VCM = 0.5V, 2.5V
LTC6081DD, LTC6082DHC
VCM = 0.5V, 2.5V
LTC6081DD, LTC6082DHC
VCM = 0.5V, 2.5V
–70
–90
–70
–90
70
90
70
90
–70
–90
70
90
μV
μV
μV
μV
ΔVOS ⁄ΔT Input Offset Voltage Drift
(Note 5)
±0.2
±0.8
±0.2
±0.8
μV/°C
IB
Input Bias Current
(Note 6)
0.2
1
40
0.2
1
500
pA
pA
IOS
Input Offset Current
0.1
15
0.1
100
pA
pA
en
Input Referred Noise
Noise Density at f = 1kHz
Integrated Noise From 0.1Hz to 10Hz
13
1.3
13
1.3
nV/√Hz
μVP-P
In
Input Noise Current Density
(Note 7)
0.5
0.5
fA/√Hz
Input Common Mode Range
V
V+
V
V+
V
CDIFF
Differential Input Capacitance
3
3
pF
CCM
Common Mode Input
Capacitance
77
pF
CMRR
Common Mode Rejection
Ratio
VCM = 0V to 1.5V
VCM = 0V to 1.5V
VCM = 0V to 3V
VCM = 0V to 3V
95
88
93
88
105
100
105
100
95
86
93
86
105
100
105
100
dB
dB
dB
dB
PSRR
Power Supply Rejection Ratio VS = 2.7V to 5.5V
98
96
110
98
96
110
dB
dB
VOUT
Output Voltage, High, Either
Output Pin
No Load
ISOURCE = 0.5mA
ISOURCE = 5mA
–32
–320
1
–35
–350
1mV
mV
mV
Output Voltage, Low, Either
Output Pin (Referred to V)
No Load
ISINK = 0.5mA
ISINK = 5mA
1
33
300
1
40
360
mV
mV
mV
AVOL
Large-Signal Voltage Gain
RLOAD = 10k, 0.5V < VOUT < 2.5V
110
120
110
120
dB
ISC
Output Short-Circuit Current
Source
Sink
17
17
15
15
mA
mA
SR
Slew Rate
AV = 1
1
1
V/μs
GBW
Gain-Bandwidth Product
(fTEST = 50kHz)
RL = 100k
2.5
1.8
3.6
2.5
1.5
3.6
MHz
MHz
Φ0
Phase Margin
RL = 10k
70
70
Deg
tS
Settling Time 0.1%
AV = 1, 1V Step
6
6
μs
IS
Supply Current
(Per Amplifier)
No Load
330
400
435
330
400
460
μA
μA
Shutdown Current
(Per Amplifier)
Shutdown, V⎯S⎯H⎯D⎯N ≤ 0.8V
0.5
2
μA
μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
2.7
5.5
2.7
5.5
V
Channel Separation
fs = 10kHz, RL = 10k
–120
–120
dB


Similar Part No. - LTC6082CDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6082 LINER-LTC6082 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6082CDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com