Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6102CDD-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6102CDD-PBF
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102CDD-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6102CDD-PBF Datasheet HTML 2Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 3Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 4Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 5Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 6Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 7Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 8Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 9Page - Linear Technology LTC6102CDD-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6102/LTC6102HV
6
6102fb
Input Bias Current vs Temperature
LTC6102: Supply Current vs
Supply Voltage
Step Response 0mV to 10mV
Step Response 10mV to 20mV
LTC6102HV: Supply Current vs
Supply Voltage
Step Response 100mV
LTC6102HV: IOUT Maximum vs
Temperature
LTC6102 Output Error Due to
Typical Input Offset vs Input
Voltage
Gain vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
6102 G07
VS = 12V
VS = 100V
VS = 6V
VS = 5V
–40
40
80
120
100
–20
0
20
60
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
INPUT VOLTAGE (V)
100
10
1
0.1
0.01
0.001
0.0001
6102 G08
0.00001 0.0001
0.001
0.01
0.1
1
FOR A 500μΩ SHUNT
VIN = 100mV, ISHUNT = 200A
ERROR DUE TO VOS IS 6mA
VIN = 10μV
FREQUENCY (Hz)
1k
40
35
30
25
20
15
10
5
0
–5
–10
10k
100k
10M
1M
6102 G09
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
IOUT = 200μA DC
IOUT = 1mA DC
100000
10
100
1000
10000
TEMPERATURE (°C)
–40
40
80
120
100
–20
6102 G10
020
60
VS = 100V
VS = 60V
VS = 12V
VS = 6V
VS = 5V
600
500
400
300
200
100
0
SUPPLY VOLTAGE (V)
0
32
6102 G11
816
48
56
24
40
28
412
44
52
20
36
60
VIN = 0
RIN = 2M
TA = 125°C
TA = 85°C
TA = 70°C
TA = 25°C
TA = –40°C
TA = 0°C
600
500
400
300
200
100
0
SUPPLY VOLTAGE (V)
0
32
6102 G12
8 16
48566472808896
24
40
VIN = 0
RIN = 2M
TA = 125°C
TA = –40°C
TA = 70°C
TA = 85°C
TA = 25°C
TA = 0°C
V+
V+ – 10mV
0.5V
0V
TIME (10μs/DIV)
6102 G13
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE
+ = V+
VSENSE
VOUT
V+ – 10mV
V+ – 20mV
1V
0.5V
6102 G14
TIME (10μs/DIV)
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE
+ = V+
VSENSE
VOUT
V+
V+ – 100mV
5V
0V
6102 G15
CLOAD = 1000pF
CLOAD = 10pF
TIME (10μs/DIV)
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE
+ = V+
VSENSE
VOUT


Similar Part No. - LTC6102CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102 AD-LTC6102 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
More results

Similar Description - LTC6102CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com