Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6087CMS8-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6087CMS8-PBF
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6087CMS8-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6087CMS8-PBF Datasheet HTML 1Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 2Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 3Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 4Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 5Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 6Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 7Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 8Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6087/LTC6088
1
60878fb
FEATURES
APPLICATIONS
DESCRIPTION
Dual/Quad 14MHz,
Rail-to-Rail CMOS Amplifiers
The LTC®6087/LTC6088 are dual/quad, low noise, low
offset, rail-to-rail input/output, unity-gain stable CMOS
operational amplifiers that feature 1pA of input bias cur-
rent. A 14MHz gain bandwidth and 7.2V/μs slew rate,
combined with low noise (10nV/√Hz) and a low 0.75mV
offset, make the LTC6087/LTC6088 useful in a variety of
applications. The 1.1mA supply current and the shutdown
mode are ideal for signal processing applications which
demand performance with minimal power.
The LTC6087/LTC6088 has an output stage which swings
within 30mV of either supply rail to maximize signal dy-
namic range in low supply applications. The input common
mode range includes the entire supply voltage. These op
amps are specified on power supply voltages of 3V and
5V from –40°C to 125°C.
The dual amplifier LTC6087 is available in 8-lead MSOP
and 10-lead DFN packages. The quad amplifier LTC6088
is available in 16-lead SSOP and DFN packages.
Single Supply Shock/Vibration Sensor Amplifier
n Low Offset Voltage: 750μV Maximum
n Low Offset Drift: 5μV/°C Maximum
n Input Bias Current:
1pA (Typical at 25°C)
15pA (Typical at 85°C)
n Rail-to-Rail Inputs and Outputs
n Gain Bandwidth Product: 14MHz
n CMRR: 70dB Minimum
n PSRR: 93dB Minimum
n Input Noise Voltage Density: 12nV/√Hz
n Supply Current: 1.1mA per Amp
n Shutdown Current: 2.3μA per Amp
n 2.7V to 5.5V Operation Voltage
n Available in 8-Lead MSOP and 10-Lead DFN
Packages (LTC6087), 16-Lead SSOP and DFN
Packages (LTC6088)
n Portable Test Equipment
n Medical Equipment
n Audio
n Data Acquisition
n High Impedance Transducer Amplifier
LTC6087 Input Bias Current
vs Temperature
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
TYPICAL APPLICATION
+
1/2 LTC6087
MURATA SHOCK
SENSOR
PKGS-00MX1
520pF, 0.57pC/g
www.murata.com
+
1/2 LTC6087
VS
1k
1%
100k
1%
60878 TA01a
VOUT
570mV/g
16Hz TO 10kHz
VS = 2.7V TO 5.5V
VS
0.1μF
100k
100k
100M
100pF
TEMPERATURE (°C)
25
40
10
100
1000
VS = 5V
VCM = 2.5V
55
70
85
100
115
130
60878 TA01b
1


Similar Part No. - LTC6087CMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6087CMS8 LINEAR-LTC6087CMS8 Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6087CMS8 LINEAR-LTC6087CMS8 Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results

Similar Description - LTC6087CMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com