Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6087CMS8-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6087CMS8-PBF
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6087CMS8-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6087CMS8-PBF Datasheet HTML 3Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 4Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 5Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 6Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 7Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 8Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 9Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 10Page - Linear Technology LTC6087CMS8-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6087/LTC6088
7
60878fb
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Open-Loop Gain vs Frequency
CMRR vs Frequency
PSRR vs Frequency
Output Impedance vs Frequency
Small-Signal Response
Small-Signal Response
Large-Signal Response
Large-Signal Response
TEMPERATURE (°C)
–25
1.1
1.3
1.5
95
60878 G10
0.9
0.7
1.0
1.2
1.4
0.8
0.6
0.5
5
35
65
–10
–40
110
20
50
80
125
PER AMPLIFIER
VCM = 0.5V
VS = 5V
VS = 3V
FREQUENCY (Hz)
10
70
80
0
–10
60
30
50
40
20
10k
1M
10M
100M
60878 G11
–20
–20
100
120
–40
–60
80
20
60
40
0
–80
100k
VS = 5V
VS = 3V
CL = 5pF
RL = 1k
VCM = VS/2
TA = 25°C
PHASE
GAIN
FREQUENCY (Hz)
10
20
30
40
50
70
60
100
90
80
10k
1M
10M
100M
60878 G12
–10
0
100k
110
VS = 5V
VCM = 2.5V
RL = 1k
TA = 25°C
FREQUENCY (Hz)
1k
40
50
60
70
80
10k
100k
1M
10M
100M
60878 G13
30
20
10
0
–10
90
100
POSITIVE
SUPPLY
VS = 5V
VCM = 2.5V
TA = 25°C
NEGATIVE
SUPPLY
FREQUENCY (Hz)
10k
100k
0.001
1
1000
1M
10M
100M
60878 G14
0.1
0.01
10
100
VS = 5V
VCM = 2.5V
TA = 25°C
AV = 10
AV = 1
AV = 2
200ns/DIV
VS = 5V
AV = 1
RL = ∞
60878 G15
200ns/DIV
VS = 5V
AV = 1
RL = ∞
CL = 33pF
60878 G16
2μs/DIV
VS = 5V
AV = 1
RL = ∞
60878 G17
1μs/DIV
VS = 5V
AV = –1
RL = 1k
60878 G18


Similar Part No. - LTC6087CMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6087CMS8 LINEAR-LTC6087CMS8 Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6087CMS8 LINEAR-LTC6087CMS8 Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results

Similar Description - LTC6087CMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com