Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC5535 Datasheet(PDF) 6 Page - Linear Technology

Part No. LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC5535 Datasheet(HTML) 6 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC5535
6
5535f
TYPICAL PERFOR A CE CHARACTERISTICS
0.6000GHz-7.000GHz
5535 TA03
S11 Forward Reflection
Impedance
RFIN Input Impedance (Pin = –25 dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
GHz
(Ω)(Ω)
0.600
156.68
–127.09
0.728
135.50
–122.64
0.856
118.45
–116.93
0.984
104.52
–110.97
1.112
92.64
–105.02
1.240
83.35
–98.29
1.368
75.36
–92.40
1.496
68.73
–86.52
1.624
63.20
–80.86
1.752
58.56
–75.65
1.880
54.68
–70.56
2.008
51.40
–65.59
2.136
49.37
–60.89
2.264
47.90
–57.97
2.392
44.55
–55.20
2.520
41.81
–51.32
2.648
39.91
–47.76
2.776
38.28
–44.50
2.904
37.15
–41.35
3.032
35.94
–38.47
3.160
34.94
–35.89
3.288
33.78
–33.39
3.416
32.33
–30.93
3.544
31.04
–28.47
3.672
29.80
–25.80
3.800
28.71
–23.12
3.928
27.85
–20.43
4.056
27.29
–18.04
4.184
26.34
–15.61
4.312
25.48
–13.05
4.440
24.95
–10.41
4.568
24.50
–7.76
4.696
23.95
–5.20
4.824
23.67
–2.56
4.952
23.47
0.03
5.080
23.40
2.59
5.208
23.39
5.13
5.336
23.50
7.64
5.464
23.72
10.20
FREQUENCY
RESISTANCE
REACTANCE
GHz
(Ω)(Ω)
5.592
24.09
12.74
5.720
24.60
15.21
5.848
25.20
17.55
5.976
26.02
19.70
6.104
26.80
21.46
6.232
27.27
22.90
6.360
27.22
24.41
6.488
26.98
26.35
6.616
26.79
28.58
6.744
26.75
31.11
6.872
26.85
33.76
7.000
27.06
36.48


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn