Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC5535 Datasheet(PDF) 5 Page - Linear Technology

Part No. LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 5 Page - Linear Technology

  LTC5535 Datasheet HTML 1Page - Linear Technology LTC5535 Datasheet HTML 2Page - Linear Technology LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC5535
5
5535f
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT Slope vs RF Input Power
at 600MHz
VOUT Slope vs RF Input Power
at 1000MHz
VOUT Slope vs RF Input Power
at 2000MHz
VOUT Slope vs RF Input Power
at 3000MHz
VOUT Slope vs RF Input Power
at 4000MHz
VOUT Slope vs RF Input Power
at 5000MHz
VOUT Slope vs RF Input Power
at 6000MHz
VOUT Slope vs RF Input Power
at 7000MHz
(RLOAD = 1k = RA + RB)
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G16
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G17
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G18
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G19
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G20
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G21
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G22
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–30 –25 –20
10
100
1000
–15 –10
–5
0
5
10
5535 G23
0
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn