Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC5535 Datasheet(PDF) 2 Page - Linear Technology

Part No. LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 2 Page - Linear Technology

  LTC5535 Datasheet HTML 1Page - Linear Technology LTC5535 Datasheet HTML 2Page - Linear Technology LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC5535
2
5535f
VCC, VOUT, VM, VOS .............................................. –0.3V to 6V
RFIN Voltage ...................................(VCC ± 1.5V) to 6.5V
RFIN Power (RMS) .............................................. 12dBm
IVOUT .................................................................... 25mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Maximum Junction Temperature ......................... 125°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
S6 PART
MARKING
TJMAX = 125°C, θJA = 250°C/W
LBHK
LTC5535ES6
6 VCC
5 VOUT
4 VM
RFIN 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
GND 2
VOS 3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: The rise time at VOUT is measured between 1.3V and 2.3V.
Note 4: See Table 1 in Applications Information section.
Note 5: RF performance is tested at 1800MHz
Note 6: Guaranteed by design.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.6V, RF Input Signal is Off, RA = RB = 500Ω, VOS = 0V unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
2.7
5.5
V
IVCC Operating Current
IVOUT = 0mA
2
3.5
mA
VOUT VOL (No RF Input)
150
180 to 220
250
mV
VOUT Output Current
VOUT = 1.75V, VCC = 2.7V to 5.5V, ∆VOUT < 10mV
10
20
mA
VOUT Bandwidth
CLOAD = 33pF, RLOAD = 2k, PIN = –10dBm (Note 4)
12
MHz
VOUT Load Capacitance
(Note 6)
33
pF
VOUT Slew Rate
VRFIN = 1V Step, CLOAD = 33pF (Note 3)
50
V/µs
VOUT Noise
VCC = 3V, Noise BW = 1.5MHz, 50Ω RF Input Termination,
1
mVP-P
50Ω AC Output Termination
VOS Voltage Range
01
V
VOS Input Current
VOS = 1V
–0.5
0.5
µA
VM Voltage Range
0VCC -1. 8
V
VM Input Current
VM = 3.6V
–0.5
0.5
µA
RFIN Input Frequency Range
600 to 7000
MHz
RFIN Input Power Range
RF Frequency = 300MHz to 7GHz (Note 5, 6) VCC = 2.7V to 6V
–32 to 10
dBm
RFIN AC Input Resistance
F = 1000MHz, Pin = –25dBm
220
RFIN Input Shunt Capacitance
F = 1000MHz, Pin = –25dBm
0.65
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn