Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4555EUD-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4555EUD-PBF
Description  SIM Power Supply and Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4555EUD-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4555EUD-PBF Datasheet HTML 1Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 2Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 3Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 4Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 5Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 6Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 7Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC4555
2
4555fb
VBAT, DVCC, VCC to GND............................ –0.3V to 6.5V
Digital Inputs to GND ................................ –0.3V to 6.5V
CLK, RST, I/O to GND .......................–0.3V to VCC + 0.3V
VCC Short-Circuit Duration ................................... Infinite
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SHDN
VSEL
DVCC
NC
NC
CLK
GND
RST
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4555EUD#PBF
LTC4555EUD#TRPBF
LAAA
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Operating Voltage
l
36
V
VBAT Operating Current
ICC = 0mA
l
20
30
μA
VBAT Shutdown Current
SHDN = 0V, VBAT = 4.5V
l
1μA
DVCC Operating Voltage
l
1.2
4.4
V
DVCC Operating Current
fCLK = 1MHz
l
510
μA
DVCC Shutdown Current
SHDN = 0V
l
1μA
DVCC Undervoltage Lockout
l
0.5
1.1
V
VCC Output Voltage
VSEL = DVCC, VBAT = 3V, IVCC = 50mA
VSEL = DVCC, VBAT = 3.3V to 6V, IVCC = 0mA to 50mA
VSEL = 0, VBAT = 2.6V to 6V, IVCC = 0mA to 50mA
l
l
2.8
1.7
2.8
3.0
1.8
3.2
1.9
V
V
V
VCC Short-Circuit Current
VCC Shorted to GND
60
110
175
mA
Controller Inputs/Outputs
Input Voltage Range
SHDN, VSEL, RIN, CIN, DATA
0
DVCC
V
Input Current (IIH/IIL)
SHDN, VSEL, RIN, CIN
l
–100
100
nA
High Input Threshold Voltage (VIH)RIN, CIN
l
0.7
× DVCC
V
Low Input Threshold Voltage (VIL)RIN, CIN
l 0.2 × DVCC
V
High Input Threshold Voltage (VIH)
SHDN, VSEL
l
1V
Low Input Threshold Voltage (VIL)
SHDN, VSEL
l
0.4
V


Similar Part No. - LTC4555EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555EUD-PBF LINER-LTC4555EUD-PBF Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
More results

Similar Description - LTC4555EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L Datasheet
136Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com