Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4444 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4444
Description  High Voltage Synchronous N-Channel MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology LTC4444 Datasheet HTML 10Page - Linear Technology LTC4444 Datasheet HTML 11Page - Linear Technology LTC4444 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC4444
12
4444f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1107 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1693 Family
High Speed Dual MOSFET Drivers
1.5A Peak Output Current, 4.5V ≤ VIN ≤ 13.2V
LT
®1952/LTC3900
36V to 72V Input Isolated DC/DC Converter Chip Sets
Synchronous Rectification; Overcurrent, Overvoltage, UVLO Protection;
Power Good Output Signal; Compact Solution
LT3010/LT3010-5
50mA, 3V to 80V Low Dropout Micropower Regulators
Low Quiescent Current (30μA), Stable with Small (1μF) Ceramic Capacitor
LTC3703
100V Synchronous Switching Regulator Controller
No RSENSE™, Synchronizable Voltage Mode Control
LTC3722-1/
LTC3722-2
Synchronous Dual Mode Phase Modulated Full-Bridge
Controllers
Adaptive Zero Voltage Switching, High Output Power Levels (Up to
Kilowatts)
LTC3723-1/
LTC3723-2
Synchronous Push-Pull PWM Controllers
Current Mode or Voltage Mode Push-Pull Controllers
LTC3780
High Power Buck-Boost Controller
Four Switch, 4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 30V, High Efficiency
LTC3785
Buck-Boost Controller
High Efficiency, Four Switch, 2.7V ≤ VIN ≤ 10V, 2.7V ≤ VOUT ≤ 10V
LTC3810
100V Current Mode Synchronous Step-Down Switching
Regulator Controller
No RSENSE, Synchronizable Tracking, Power Good Signal
LTC3813
100V Current Mode Synchronous Step-Up Controller
No RSENSE, On-Board 1Ω Gate Drivers, Synchronizable
LT3845
High Power Synchronous DC/DC Controller
Current Mode Control, VIN Up to 60V, Low IQ
LTC3901
Secondary Side Synchronous Driver for Push-Pull and
Full-Bridge Converters
Programmable Time Out, Reverse Inductor Current Sense
LTC4440/
LTC4440-5
High Speed, High Voltage, High Side Gate Drivers
Wide Operating VIN Range: Up to 80V DC, 100V Transient
LTC4441
6A MOSFET Driver
Adjustable Gate Drive from 5V to 8V, 5V ≤ VIN ≤ 28V
LTC4442/LTC4442-1 High Speed Synchronous N-Channel MOSFET Drivers
5A Peak Output Current, 6V to 9.5V Gate Drive Supply, 38V Max Input
Supply
No RSENSE is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
LTC3780 High Efficiency 8V-80V VIN to 12V/5A Buck-Boost DC/DC Converter
PGOOD
SS
SENSE+
SENSE
ITH
VOSENSE
SGND
RUN
FCB
PLLFLTR
PLLIN
STBYMD
BOOST1
TG1
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TG2
BOOST2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LTC3780EG
10k
100
Ω
20k
100
Ω
VOS+
150k
113k
1%
8.06k
1%
0.01
μF
47pF
VIN
D4
0.1
μF
100pF
68pF
0.1
μF
0.1
μF
2.2
μF, 100V, TDK C4532X7R2A225MT
100
μF, 100V SANYO 100ME 100AX
C1: SANYO 16ME330WF
D1: DIODES INC. BAV19WS
D2: DIODES INC. 1N5819HW-7-F
D3: DIODES INC. B320A-13-F
D4: DIODES INC. MMBZ5230B-7-F
D5: DIODES INC. B1100-13-F
L1: SUMIDA CDEP147-8R0
0.1
μF
16V
6V
10
μF
10V
TG1
SW1
1
μF
16V
0.22
μF
16V
0.22
μF
16V
L1 8
μH
2.2
μF
100V
×5
100
μF
100V
×2
VIN
1
μF
16V
0.1
μF
16V
VBIAS
12V
VBIAS
12V
D1
SENSE+
SENSE
6V
D2
6V
1
2
4
TG1
6
7
8
9
3
VCC
GND
TG
BOOST
TINP
BINP
LTC4444
TS
BG
+
22
μF
16V
×3
C1
330
μF
×2
VOUT
10
Ω
VOS
+
+
4444 TA03
D5
SENSE+
SENSE
D3
SW1
0.005
Ω
1W
10
Ω
10
Ω


Similar Part No. - LTC4444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444 LINER-LTC4444 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4444 LINER-LTC4444 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4444 LINER-LTC4444 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
logo
Analog Devices
LTC4444 AD-LTC4444 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
LTC4444 AD-LTC4444 Datasheet
617Kb / 14P
   150V Dual High-Side MOSFET Gate Driver
Rev. 0
More results

Similar Description - LTC4444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444-5 LINER-LTC4444-5 Datasheet
202Kb / 12P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444_15 Datasheet
180Kb / 14P
   High Voltage Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
logo
Richtek Technology Corp...
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
   High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Intersil Corporation
ISL6209 INTERSIL-ISL6209 Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6206 RENESAS-ISL6206 Datasheet
392Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com