Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4440 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4440
Description  High Speed, High Voltage High Side Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 2 Page - Linear Technology

  LTC4440 Datasheet HTML 1Page - Linear Technology LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC4440
4440f
Supply Voltage
VCC ....................................................... – 0.3V to 15V
BOOST – TS ......................................... – 0.3V to 15V
INP Voltage ............................................... – 0.3V to 15V
BOOST Voltage (Continuous) ................... – 0.3V to 95V
BOOST Voltage (100ms) ........................ – 0.3V to 115V
TS Voltage (Continuous) ............................. – 5V to 80V
TS Voltage (100ms) ................................... – 5V to 100V
ORDER PART
NUMBER
LTC4440EMS8E
TJMAX = 125°C, θJA = 40°C/W (NOTE 4)
EXPOSED PAD IS GND (PIN 9)
MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
Peak Output Current < 1µs (TG) ............................... 4A
Driver Output TG (with Respect to TS) ..... – 0.3V to 15V
Operating Ambient Temperature Range
(Note 2) .............................................. – 40°C to 85°C
Junction Temperature (Note 3) ............................ 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
MS8E
PART MARKING
LTF9
1
2
3
4
INP
GND
VCC
GND
8
7
6
5
TS
TG
BOOST
NC
TOP VIEW
9
MS8E PACKAGE
8-LEAD PLASTIC MSOP
ORDER PART
NUMBER
LTC4440ES6
S6
PART MARKING
LTZY
VCC 1
GND 2
INP 3
6 BOOST
5 TG
4 TS
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
TJMAX = 125°C, θJA = 230°C/W
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, VTS = GND = 0V, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Supply (VCC)
IVCC
DC Supply Current
Normal Operation
INP = 0V
250
400
µA
UVLO
VCC < UVLO Threshold (Falling) – 0.1V
25
80
µA
UVLO
Undervoltage Lockout Threshold
VCC Rising
5.7
6.5
7.3
V
VCC Falling
5.4
6.2
7.0
V
Hysteresis
300
mV
Bootstrapped Supply (BOOST – TS)
IBOOST
DC Supply Current
Normal Operation
INP = 0V
110
180
µA
UVLO
VBOOST – VTS < UVLOHS(FALLING) – 0.1V, VCC = INP = 5V
86
170
µA
UVLOHS
Undervoltage Lockout Threshold
VBOOST – VTS Rising
6.75
7.4
7.95
V
VBOOST – VTS Falling
6.25
6.9
7.60
V
Hysteresis
500
mV
Input Signal (INP)
VIH
High Input Threshold
INP Ramping High
1.3
1.6
2
V
VIL
Low Input Threshold
INP Ramping Low
0.85
1.25
1.6
V
VIH – VIL
Input Voltage Hysteresis
0.350
V
IINP
Input Pin Bias Current
±0.01
±2
µA


Similar Part No. - LTC4440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440 LINER-LTC4440 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440 AD-LTC4440 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
221Kb / 16P
   High Speed, High Voltage High Side Gate Driver
More results

Similar Description - LTC4440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
   High Voltage High & Low-side, Gate Driver
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
   High voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com