Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4413EDD1-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4413EDD1-PBF
Description  Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413EDD1-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4413EDD1-PBF Datasheet HTML 3Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 4Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 5Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 6Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 7Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 8Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 9Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 10Page - Linear Technology LTC4413EDD1-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4413-1/LTC4413-2
7
441312fb
PIN FUNCTIONS
INA (Pin 1): Primary Ideal Diode Anode and Positive Power
Supply for LTC4413-1/LTC4413-2. Bypass INA with a ce-
ramic capacitor of at least 1μF. (Series 1Ω snub resistors
and higher valued capacitances are recommended when
large inductances are in series with this input.) This pin
can be grounded when not used. Limit slew rate on this
pin to less than 2.5V/μs.
ENBA (Pin 2): Enable Low for Diode A. Pull this pin high
to shut down this power path. Tie to GND to enable.
Refer to Table 1 for mode control functionality. This pin
can be left floating, a weak (3.5μA) pull-down internal to
LTC4413-1/LTC4413-2 is included.
GND (Pin 3): Power Ground for the IC.
ENBB (Pin 4): Enable Low for Diode B. Pull this pin high
to shut down this power path. Tie to GND to enable.
Refer to Table 1 for mode control functionality. This pin
can be left floating, a weak (3.5μA) pull-down internal to
LTC4413-1/LTC4413-2 is included.
INB (Pin 5): Secondary Ideal Diode Anode and Positive
Power Supply for LTC4413-1/LTC4413-2. Bypass INB with a
ceramic capacitor of at least 1μF. (Series 1Ω snub resistors
and higher valued capacitances are recommended when
large inductances are in series with this input.) This pin
can be grounded when not used. Limit slew rate on this
pin to less than 2.5V/μs.
OUTB (Pin 6): Secondary Ideal Diode Cathode and Output
of the LTC4413-1/LTC4413-2. Bypass OUTB with a high
(1mΩ min) ESR ceramic capacitor of at least 4.7μF. This
pin must be left floating when not in use. Limit slew rate
on this pin to less than 2.5V/μs.
OVP (Pin 7, LTC4413-2 Only): Drive Output for an Exter-
nal OVP Switch PMOS Transistor (To Inhibit Overvoltage
Wall Adapter Voltages from Damaging Device.) During
overvoltage conditions, this output will remain high so
long as an overvoltage condition persists. This pin must
be left floating when not in use.
OVI (Pin 8, LTC4413-2 Only): Sense Input for Overvoltage
Protection Block. This pin can be left floating or grounded
when not used.
STAT (Pin 9): Status Condition Indicator. Weak (11μA)
pull-down current output. When terminated, high indicates
diode conducting. Refer to Table 2 for the operation of this
pin. This pin can also be left floating or grounded.
OUTA (Pin 10): Primary Ideal Diode Cathode and Output
of the LTC4413-1/LTC4413-2. Bypass OUTA with a high
(1mΩ min) ESR ceramic capacitor of at least 4.7μF. This
pin must be left floating when not in use. Limit slew rate
on this pin to less than 2.5V/μs.
Exposed Pad (Pin 11): Signal Ground. This pin must be
soldered to PCB ground to provide both electrical contact
to ground and good thermal contact to PCB.


Similar Part No. - LTC4413EDD1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413EDD LINER-LTC4413EDD Datasheet
154Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
More results

Similar Description - LTC4413EDD1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413 LINER-LTC4413 Datasheet
154Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
LTC4413-2 LINER-LTC4413-2_15 Datasheet
190Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LTC4413-1 LINER-LTC4413-1_15 Datasheet
190Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com