Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4401-2EMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4401-2EMS8
Description  RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401-2EMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4401-2EMS8 Datasheet HTML 4Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 5Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 6Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 7Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 8Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 9Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 10Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 11Page - Linear Technology LTC4401-2EMS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC4401-1/LTC4401-2
4401fa
APPLICATIO S I FOR ATIO
Enable: When SHDN is asserted high the part will auto-
matically calibrate out all offsets. This takes <10
µs and is
controlled by an internal delay circuit. After 10
µs VPCA/B
will step up to the starting voltage of 450mV. The user can
then apply the ramp signal. The user should wait 12
µsafter
SHDN has been asserted high before applying the ramp.
The DAC should be settled 2
µs after asserting SHDN high.
Power Ramp Profiles
The external voltage gain associated with the RF channel
can vary significantly between RF power amplifier types.
The LTC4401-X frequency compensation has been
optimized to be stable with several different power ampli-
fiers and manufacturers. This frequency compensation
generally defines the loop dynamics that impact the power/
time response and possibly (slow loops) the power ramp
sidebands. The LTC4401-X operates open loop until an RF
voltage appears at the RF pin, at which time the loop closes
and the output power follows the DAC profile. The RF
power amplifier will require a certain control voltage level
(threshold) before an RF output signal is produced. The
LTC4401-X VPCA/B output(s) must quickly rise to this
threshold voltage in order to meet the power/time profile.
To reduce this time, the LTC4401-X starts at 450mV.
However, at very low power levels the PCTL input signal is
small, and the VPCA/B output may take several microsec-
onds to reach the RF power amplifier threshold voltage. To
reduce this time, it may be necessary to apply a positive
pulse at the start of the ramp to quickly bring the VPCA/B
output to the threshold voltage. This can generally be
achieved with DAC programming. The magnitude of the
pulse is dependent on the RF amplifier characteristics.
Power ramp sidebands and power/time are also a factor
when ramping to zero power. When the power is ramped
down the loop will eventually open at power levels below
the LTC4401-X detector threshold. The LTC4401-X will
then go open loop and the output voltage at VPCA/B will
stop falling. If this voltage is high enough to produce RF
output power, the power/time or power ramp sidebands
may not meet specification. This problem can be avoided
by starting the DAC ramp from 200mV (Figure 1). At the
end of the cycle, the DAC can be ramped down to 0mV.
This applies a negative signal to the LTC4401-X thereby
ensuring that the VPCA/B output will ramp to 0V. The
200mV ramp step must be applied < 2
µs after SHDN is
asserted high to allow the autozero to cancel the step. Slow
DAC rise times will extend this time by the additional RC
time constants which may require that the DAC is enabled
and settled prior to SHDN asserted high.
LTC4401-X Timing Diagram
10
µs28µs
2
µs
28
µs
543
µs
T1
T2 T3
T4
T5
T6
VSTART
SHDN
VPCA/B
PCTL
4400 TA02
T1: LTC4401-X COMES OUT OF SHUTDOWN 12
µs PRIOR TO BURST
T2: INTERNAL TIMER COMPLETES AUTOZERO CORRECTION, <10
µs
T3: BASEBAND CONTROLLER STARTS RF POWER RAMP UP AT 12
µs AFTER
SHDN IS ASSERTED HIGH
T4: BASEBAND CONTROLLER COMPLETES RAMP UP
T5: BASEBAND CONTROLLER STARTS RF POWER RAMP DOWN AT END OF BURST
T6: LTC4401-X RETURNS TO SHUTDOWN MODE BETWEEN BURSTS
T7: BSEL CHANGE PRIOR TO SHDN, 0ns TYPICAL (LTC4401-2 ONLY)
T8: BSEL CHANGE AFTER TO SHDN, 0ns TYPICAL (LTC4401-2 ONLY)
BSEL
T7
T8
(LTC4401-2 ONLY)
General Layout Considerations
The LTC4401-X should be placed near the directional
coupler. The feedback signal line to the RF pin should be
a 50
Ω transmission line with optional termination or a
short line.
External Termination
The LTC4401-X has an internal 250
Ω termination resistor
at the RF pin. If a directional coupler is used, it is recom-
mended that an external 68
Ω termination resistor be
connected between the RF coupling capacitor (33pF), and
ground at the side connected to the directional coupler.
Termination components should be placed adjacent to the
LTC4401-X.


Similar Part No. - LTC4401-2EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-2 LINER-LTC4401-2 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results

Similar Description - LTC4401-2EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com