Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4403-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4403-1
Description  Multiband RF Power Controllers for EDGE/TDMA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4403-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4403-1 Datasheet HTML 1Page - Linear Technology LTC4403-1 Datasheet HTML 2Page - Linear Technology LTC4403-1 Datasheet HTML 3Page - Linear Technology LTC4403-1 Datasheet HTML 4Page - Linear Technology LTC4403-1 Datasheet HTML 5Page - Linear Technology LTC4403-1 Datasheet HTML 6Page - Linear Technology LTC4403-1 Datasheet HTML 7Page - Linear Technology LTC4403-1 Datasheet HTML 8Page - Linear Technology LTC4403-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4403-1/LTC4403-2
4403f
GND (Pin 4/5): System Ground.
PCTL (Pin 5/6): Analog Input. The external power control
DAC drives this input. The amplifier servos the RF power
until the RF detected signal equals the DAC signal applied
at this pin.
SHDN (Pin 6/7): Shutdown Input. A logic low on the SHDN
pin places the part in shutdown mode. A logic high enables
the part after 10
µs. SHDN has an internal 150k pull-down
resistor to ensure that the part is in shutdown when no input
is applied. In shutdown, VPCAand VPCBare pulled to ground
via a 112
Ω resistor.
(LTC4403-1/LTC4403-2)
PI FU CTIO S
VHOLD (Pin 7/8): Asserted high prior to AM modulation,
opens control loop and holds voltage at VPCAorVPCBduring
EDGE modulation.
BSEL (Pin 9): (LTC4403-2 Only) Selects VPCA when low
and VPCB when high. This input has an internal 150k
resistor to ground.
RF (Pin 8/10): Coupled RF Feedback Voltage . This input
is referenced to VIN. The frequency range is 300MHz to
2400MHz. This pin has an internal 250
Ω termination, an
internal Schottky diode detector and peak detector
capacitor.
BLOCK DIAGRA
(LTC4403-2)
+
RFDET
+
GM
70mV
270kHz
FILTER
+
30k
22k
51k
30k
250
28pF
0.4pF
±0.05pF
12
100
100
4403 BD
12
150k
150k
150k
BSEL
PB
PA
60
µA60µA
RF
10
VIN
Li-Ion
1
VPCA
VPCB
GND
9
PCTL
6
RF PA
850MHz/900MHz
AZ
AUTOZERO
TXENB
TXENB
VHOLD
+
+
MUX
CONTROL
VHOLD
8
7
SHDN
RF PA
DIPLEXER
1.8GHz/1.9GHz
5
50
9
µs
DELAY
GAIN
COMPRESSION
2
3
CHOLD
VIN
VREF
CREF
BUFFER
VHOLD
VHOLD
38k
+
4


Similar Part No. - LTC4403-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4403-1 LINER-LTC4403-1 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
More results

Similar Description - LTC4403-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4402-1 LINER-LTC4402-1 Datasheet
203Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-2 LINER-LTC4403-2_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4402-2 LINER-LTC4402-2_15 Datasheet
208Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com