Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4357IDCB-TRMPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4357IDCB-TRMPBF
Description  Positive High Voltage Ideal Diode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357IDCB-TRMPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4357IDCB-TRMPBF Datasheet HTML 1Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 2Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 3Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4357
1
4357fb
FEATURES
APPLICATIONS
DESCRIPTION
Positive High Voltage
Ideal Diode Controller
The LTC®4357 is a positive high voltage ideal diode control-
ler that drives an external N-channel MOSFET to replace a
Schottky diode. When used in diode-OR and high current
diode applications, the LTC4357 reduces power consump-
tion, heat dissipation, voltage loss and PC board area.
The LTC4357 easily ORs power sources to increase total
system reliability. In diode-OR applications, the LTC4357
controls the forward voltage drop across the MOSFET to
ensure smooth current transfer from one path to the other
without oscillation. If the power source fails or is shorted,
a fast turn-off minimizes reverse current transients.
48V, 10A Diode-OR
n Reduces Power Dissipation by Replacing a Power
Schottky Diode with an N-Channel MOSFET
n 0.5μs Turn-Off Time Limits Peak Fault Current
n Wide Operating Voltage Range: 9V to 80V
n Smooth Switchover without Oscillation
n No Reverse DC Current
n Available in 6-Lead (2mm
× 3mm) DFN and
8-Lead MSOP Packages
n N + 1 Redundant Power Supplies
n High Availability Systems
n AdvancedTCA Systems
n Telecom Infrastructure
n Automotive Systems
4357 TA01
LTC4357
GND
IN
OUT
VDD
GATE
FDB3632
VINA
48V
VOUT TO LOAD
LTC4357
GND
IN
OUT
VDD
GATE
FDB3632
VINB
48V
Power Dissipation vs Load Current
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
CURRENT (A)
0
0
1
2
3
4
5
6
246
8
4357 TA01b
10
DIODE (MBR10100)
FET (FDB3632)
POWER
SAVED


Similar Part No. - LTC4357IDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357IDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com