Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4303IDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4303IDD
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4303IDD Datasheet(HTML) 4 Page - Linear Technology

  LTC4303IDD Datasheet HTML 1Page - Linear Technology LTC4303IDD Datasheet HTML 2Page - Linear Technology LTC4303IDD Datasheet HTML 3Page - Linear Technology LTC4303IDD Datasheet HTML 4Page - Linear Technology LTC4303IDD Datasheet HTML 5Page - Linear Technology LTC4303IDD Datasheet HTML 6Page - Linear Technology LTC4303IDD Datasheet HTML 7Page - Linear Technology LTC4303IDD Datasheet HTML 8Page - Linear Technology LTC4303IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4303
4
4303fb
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
140
120
100
80
60
40
20
0
4303 G02
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
14
12
10
8
6
4
2
0
4303 G03
RPULLUP (Ω)
1000
0
50
150
200
250
3000
5000
4303 G04
100
7000
9000
COUT (pF)
0
1500
4303 G05
500
1000
2000
180
160
140
120
100
80
60
40
20
VCC = 5.5V
VCC = 2.7V
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V
CIN = COUT = 100pF
RPULLUPIN = RPULLUPOUT = 10k
CIN = 50pF
RPULLUPIN = RPULLUPOUT = 10k
TEMPERATURE (
°C)
5.0
5.4
5.8
6.2
5.2
5.6
6.0
4303 G01
VCC = 5.5V
VCC = 2.7V
TYPICAL PERFOR
CE CHARACTERISTICS
A
ICC vs Temperature
Input-Output tPHL vs Temperature
IPULLUPAC vs Temperature
Input-Output tPHL vs COUT
Connection Circuitry VOUT - VIN
TA = 25°C unless otherwise indicated.


Similar Part No. - LTC4303IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4303 LINER-LTC4303 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4303 LINER-LTC4303 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4303 LINER-LTC4303 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4303IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com