Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSAL6100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSAL6100
Description  GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSAL6100 Datasheet HTML 1Page - Vishay Siliconix TSAL6100 Datasheet HTML 2Page - Vishay Siliconix TSAL6100 Datasheet HTML 3Page - Vishay Siliconix TSAL6100 Datasheet HTML 4Page - Vishay Siliconix TSAL6100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSAL6100
Vishay Telefunken
1 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81009
GaAs/GaAlAs IR Emitting Diode in ø 5 mm (T–1
¾)
Package
Description
TSAL6100 is a high efficiency infrared emitting diode
in GaAlAs on GaAs technology, molded in clear, blue-
grey tinted plastic packages.
In comparison with the standard GaAs on GaAs
technology these emitters achieve more than 100 %
radiant power improvement at a similar wavelength.
The forward voltages at low current and at high pulse
current roughly correspond to the low values of the
standard technology. Therefore these emitters are
ideally suitable as high performance replacements of
standard emitters.
Features
D Extra high radiant power and radiant intensity
D High reliability
D Low forward voltage
D Suitable for high pulse current operation
D Standard T–1¾ (ø 5 mm) package
D Angle of half intensity ϕ = ± 10°
D Peak wavelength lp = 940 nm
D Good spectral matching to Si photodetectors
94 8389
Applications
Infrared remote control units with high power requirements
Free air transmission systems
Infrared source for optical counters and card readers
IR source for smoke detectors
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 ms
IFM
200
mA
Surge Forward Current
tp = 100 ms
IFSM
1.5
A
Power Dissipation
PV
210
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
–55...+100
°C
Storage Temperature Range
Tstg
–55...+100
°C
Soldering Temperature
t
x 5sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
350
K/W


Similar Part No. - TSAL6100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6100 VISHAY-TSAL6100 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
TSAL6100 VISHAY-TSAL6100 Datasheet
113Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.6, 29-Jun-09
TSAL6100 VISHAY-TSAL6100 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode
Rev. 1.8, 13-Mar-14
TSAL6100 VISHAY-TSAL6100 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6100 VISHAY-TSAL6100 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - TSAL6100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
logo
TEMIC Semiconductors
TSIL6400 TEMIC-TSIL6400 Datasheet
111Kb / 5P
   GaAs/GaAlAs IR Emitting Diodes in 첩 5 mm Package
logo
Vishay Siliconix
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com