Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4268IDKD-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4268IDKD-1
Description  High Power PD with Synchronous NoOpto Flyback Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4268IDKD-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4268IDKD-1 Datasheet HTML 5Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 6Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 7Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 8Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 9Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 10Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 11Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 12Page - Linear Technology LTC4268IDKD-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LTC4268-1
9
42681fa
TEMPERATURE (°C)
–50
330
25
42681 G28
300
280
–25
0
50
270
260
340
320
310
290
75
100
125
RtON(MIN) = 158k
TEMPERATURE (°C)
–50
0
50
150
200
250
0
50
75
42681 G29
100
–25
25
100
125
300
RPGDLY = 16.9k
RPGDLY = 27.4k
TEMPERATURE (°C)
–50
285
305
325
25
75
42681 G30
265
245
–25
0
50
100
125
225
205
RENDLY = 90k
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum PG On Time vs
Temperature
PG Delay Time vs Temperature
Enable Delay Time vs
Temperature
PIN FUNCTIONS
SHDN (Pin 1): Shutdown Input. Used to command the
LTC4268-1 to present an invalid signature and remain
inactive. Connecting SHDN to VPORTP lowers the signature
resistance to an invalid value and disables other LTC4268-1
operations. If unused, tie SHDN to VPORTN.
NC (Pin 2): No internal connection.
RCLASS (Pin 3): Class Select Input. Used to set the current
the LTC4268-1 maintains during classification. Connect a
resistor between RCLASS and VPORTN. (See Table 2.)
ILIM_EN (Pin 4): Input Current Limit Enable. Used for
controlling the LTC4268-1 current limit behavior during
powered operation. For normal operation, float ILIM_EN to
enable ILIMIT_HIGH current. Tie ILIM_EN to VPORTN to disable
input current limit. Note that the inrush current limit will
always be active. See Applications Information.
VPORTN (Pins 5, 6, 7): Power Input. Tie to the PD Input
through the diode bridge. Pins 5, 6 and 7 must be electri-
cally tied together.
NC (Pin 8): No internal connection.
SG (Pin 9): Secondary Gate Driver Output. This pin pro-
vides an output signal for a secondary-side synchronous
switch. Large dynamic currents may flow during voltage
transitions. See the Applications Information for details.
VCC (Pin 10): Converter Voltage Supply. Bypass this pin
to GND with 4.7μF or greater. This pin has a 20V clamp
to ground. VCC has an undervoltage lockout function that
turns on when VCC is approximately 15.3V and off at 9.7V.
In a conventional “trickle-charge” bootstrapped configura-
tion, the VCC supply current increases significantly during
turn-on causing a benign relaxation oscillation action on
the VCC pin if the part does not start normally.
tON (Pin 11): Primary Switch Minimum On Time Control. A
programming resistor (RTon)toGNDsetstheminimumtime
for each cycle. See Applications Information for details.
ENDLY (Pin 12): Enable Delay Time Control. The enable
delay time is set by a programming resistor (RENDLY) to
GND and disables the feedback amplifier for a fixed time
after the turn-off of the primary-side MOSFET. This allows
the leakage inductance voltage spike to be ignored for
flyback voltage sensing. See Applications Information
for details.
SYNC (Pin 13): External Sync Input. This pin is used to
synchronize the internal oscillator with an external clock.
The positive edge of the clock causes the oscillator to
discharge causing PG to go low (off) and SG high (on). The
sync threshold is typically 1.5V. Tie to ground if unused.
See Applications Information for details.


Similar Part No. - LTC4268IDKD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4268-1 LINER-LTC4268-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4268-1 LINER-LTC4268-1 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4268IDKD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
   Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
ON Semiconductor
NCP1345 ONSEMI-NCP1345_V01 Datasheet
1Mb / 43P
   High-Voltage Quasi-Resonant Flyback Controller With USB-PD Optimization
January, 2023 - Rev. 3
NCP1345 ONSEMI-NCP1345 Datasheet
1Mb / 43P
   High-Voltage Quasi-Resonant Flyback Controller With USB-PD Optimization
February, 2022 - Rev. 0
logo
Linear Technology
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
   Isolated Synchronous Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com