Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSAL5300 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. TSAL5300
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5300 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSAL5300 Datasheet HTML 1Page - Vishay Siliconix TSAL5300 Datasheet HTML 2Page - Vishay Siliconix TSAL5300 Datasheet HTML 3Page - Vishay Siliconix TSAL5300 Datasheet HTML 4Page - Vishay Siliconix TSAL5300 Datasheet HTML 5Page - Vishay Siliconix TSAL5300 Datasheet HTML 6Page - Vishay Siliconix TSAL5300 Datasheet HTML 7Page - Vishay Siliconix TSAL5300 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
TSAL5300
Document Number 81008
Rev. 1.7, 08-Mar-05
Vishay Semiconductors
www.vishay.com
5
Tape Dimesions TSAL 5300
Option
H
± 0.5 mm
Quantity/Box
CS21Z
22
1000
FSZ
27
1000
GSZ
29
1000
MSZ
25.5
1000
Figure 11.
∅ 5 mm devices on tape
19314


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TSAL5100 High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1  2  3  4  5  More Vishay Siliconix
TSML1000 High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1  2  3  4  5  More Vishay Siliconix
TSHF5410 High Speed Infrared Emitting Diode in T-1 3/4 Package 1  2  3  4  5  More Vishay Siliconix
TSFF5210 High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero 1  2  3  4  5  More Vishay Siliconix
TSMF3700 GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package 1  2  3  4  5  More Vishay Siliconix
OPR2800 Infrared Light Emitting Diode 1  2  OPTEK Technologies
SEP8506 GaAs Infrared Emitting Diode 1  2  3  4  Honeywell Solid State Electronics Center
LT051PS High Power Red Laser Diode for DVD-R/DVD-RW Drive 635nm-30mW 1  2  3  Sharp Electrionic Components
CQY36N GaAs Infrared Emitting Diode in Miniature T-3/4 Package 1  2  3  4  5  More Vishay Siliconix
SE3470 AlGaAs Infrared Emitting Diode 1  2  3  4  Honeywell Solid State Electronics Center

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn