Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSAL5300 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TSAL5300
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5300 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSAL5300 Datasheet HTML 1Page - Vishay Siliconix TSAL5300 Datasheet HTML 2Page - Vishay Siliconix TSAL5300 Datasheet HTML 3Page - Vishay Siliconix TSAL5300 Datasheet HTML 4Page - Vishay Siliconix TSAL5300 Datasheet HTML 5Page - Vishay Siliconix TSAL5300 Datasheet HTML 6Page - Vishay Siliconix TSAL5300 Datasheet HTML 7Page - Vishay Siliconix TSAL5300 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 81008
Rev. 1.7, 08-Mar-05
VISHAY
TSAL5300
Vishay Semiconductors
Package Dimensions in mm
Figure 9. Relative Radiant Power vs. Wavelength
890
940
0
0.25
0.5
0.75
1.0
1.25
– Wavelength ( nm )
990
14291
IF = 100 mA
λ
Figure 10. Relative Radiant Intensity vs. Angular Displacement
0.4
0.2
0
0.2
0.4
0.6
94 8883
0.6
0.9
0.8
0
°
°
°
30
°
10
20
40
°
50
°
60
°
70
°
80
°
0.7
1.0
96 12122


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn