Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4264 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4264
Description  High Power PD Interface Controller with 750mA Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 2 Page - Linear Technology

  LTC4264 Datasheet HTML 1Page - Linear Technology LTC4264 Datasheet HTML 2Page - Linear Technology LTC4264 Datasheet HTML 3Page - Linear Technology LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4264
2
4264f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. 0.3V to –90V
VOUT Voltage ......... VIN + 90V (and ≤ GND) to VIN – 0.3V
SHDN Voltage ............................ VIN + 90V to VIN – 0.3V
RCLASS, ILIM_EN Voltage ............... VIN + 7V to VIN – 0.3V
PWRGD Voltage (Note 3)
Low Impedance Source ....VOUT + 11V to VOUT – 0.3V
Current Fed ..........................................................5mA
PWRGD Voltage ......................... VIN + 80V to VIN – 0.3V
PWRGD Current.....................................................10mA
RCLASS Current.....................................................100mA
Operating Ambient Temperature Range
LTC4264C ................................................ 0°C to 70°C
LTC4264I ............................................. –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage
IEEE 802.3af System
Signature Range
Classification Range
UVLO Turn-On Voltage
UVLO Turn-Off Voltage
Voltage with Respect to GND Pin
(Notes 5, 6, 7, 8)
–1.5
–12.5
–37.7
–29.8
–38.9
–30.6
–57
–10.1
–21
–40.2
–31.5
V
V
V
V
V
IIN_ON
IC Supply Current when On
VIN = –54V
3mA
IIN_CLASS
IC Supply Current During Classification
VIN = –17.5V (Note 9)
0.55
0.62
0.70
mA
ΔICLASS
Current Accuracy During Classification
10mA < ICLASS < 75mA, –12.5V ≤ VIN ≤ –21V
(Notes 10,11)
±3.5
%
tCLASSRDY
Classification Stability Time
VIN Stepped 0V to –17.5V, IIN_CLASS ≤3.5% of
Ideal, 10mA < ICLASS < 75mA (Notes 10, 11)
1ms
RSIGNATURE
Signature Resistance
–1.5V ≤ VIN ≤ –10.1V, IEEE 802.3af 2-Point
Measurement, SHDN Tied to VIN (Notes 6, 7)
23.25
26.00
k
Ω
RINVALID
Invalid Signature Resistance
–1.5V ≤ VIN ≤ –10.1V, IEEE 802.3af 2-Point
Measurement, SHDN Tied to GND (Notes 6, 7)
10
11.8
k
Ω
VIH_SHDN
SHDN High Level Input Voltage
With Respect to VIN, High Level = Shutdown
(Note 12)
357
V
VIL_SHDN
SHDN Low Level Input Voltage
With Respect to VIN
0.45
V
RINPUT_SHDN
SHDN Input Resistance
With Respect to VIN
100
kΩ
VIH_ILIM
ILIM_EN High Level Input Voltage
With Repect to VIN, High Level Enables Current
Limit (Note 13)
4V
12
11
10
9
8
7
1
2
3
4
5
6
GND
NC
PWRGD
PWRGD
VOUT
VOUT
SHDN
NC
RCLASS
ILIM_EN
VIN
VIN
TOP VIEW
13
DE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 13) MUST BE SOLDERED TO
AN ELECTRICALLY ISOLATED HEAT SINK
ORDER PART NUMBER
DE PART MARKING*
LTC4264CDE
LTC4264IDE
4264
4264
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4264 LINER-LTC4264 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
More results

Similar Description - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
   PD Interface Controller
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
   Front-End PD Interface Controller
2020
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com