Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4264 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4264
Description  High Power PD Interface Controller with 750mA Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology LTC4264 Datasheet HTML 10Page - Linear Technology LTC4264 Datasheet HTML 11Page - Linear Technology LTC4264 Datasheet HTML 12Page - Linear Technology LTC4264 Datasheet HTML 13Page - Linear Technology LTC4264 Datasheet HTML 14Page - Linear Technology LTC4264 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4264
11
4264f
APPLICATIONS INFORMATION
During classification, the PSE presents a fixed voltage
between –15.5V and –20.5V to the PD (Figure 6). With
the input voltage in this range, the LTC4264 asserts a load
current from the GND pin through the RCLASS resistor. The
magnitude of the load current is set with the selection of
the RCLASS resistor. The resistor value associated with
each class is shown in Table 2.
Table 2. Summary of IEEE 802.3af Power Classifications and
LTC4264 RCLASS Resistor Selection
CLASS
USAGE
MAXIMUM
POWER LEVELS
AT INPUT OF PD
(W)
NOMINAL
CLASSIFICATION
LOAD CURRENT
(mA)
LTC4264
RCLASS
RESISTOR
(
Ω, 1%)
0
Default
0.44 to 12.95
<5
Open
1
Optional
0.44 to 3.84
10.5
124
2
Optional
3.84 to 6.49
18.5
69.8
3
Optional
6.49 to 12.95
28
45.3
4
Reserved by IEEE. See Apps
40
30.9
5
Undefined IEEE. See Apps
56
22.1
A substantial amount of power is dissipated in the LTC4264
during classification. The IEEE 802.3af specification limits
the classification time to 75ms in order avoid excessive
heating. The LTC4264 is designed to handle the power
dissipation during the probe period. If the PSE probing
exceeds 75ms, the LTC4264 may overheat. In this situa-
tion, the thermal protection circuit will engage and disable
the classification current source, protecting the LTC4264
from damage. When the die cools, classification is auto-
matically resumed.
Classification presents a challenging stability problem
for the PSE due to the wide range of loads possible. The
LTC4264 has been designed to avoid PSE interoperability
problems by maintaining a positive I-V slope throughout
the signature and classification ranges up to UVLO turn-
on as shown in Figure 6b. The positive I-V slope avoids
areas of negative resistance and helps prevent the PSE
from power cycling or getting “stuck” during signature
or classification probing. In the event a PSE overshoots
beyond the classification voltage range, the available load
current aids in returning the PD back into the classification
voltage range. (The PD input may otherwise be “trapped”
by a reverse-biased diode bridge and the voltage held by
the 0.1µF capacitor.) By gently ramping the classification
current on and maintaining a positive I-V slope until UVLO
turn-on, the LTC4264 provides a well behaved load, as-
suring interoperability with any PSE.
GND
RCLASS
VIN
LTC4264
CONSTANT
LOAD
CURRENT
INTERNAL
TO LTC4264
4264 F06a
RCLASS
CURRENT PATH
V
PD
PSE
PSE CURRENT MONITOR
PSE
PROBING
VOLTAGE
SOURCE
–15.5V TO –20.5V
INPUT VOLTAGE (V)
0
–40
4264 F06b
–10
–20
–30
Figure 6a. PSE Probing PD During Classification
Figure 6b. LTC4264 Positive I-V Slope


Similar Part No. - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4264 LINER-LTC4264 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
More results

Similar Description - LTC4264

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
   PD Interface Controller
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
   Front-End PD Interface Controller
2020
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com