Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSAL5100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. TSAL5100
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5100 Datasheet(HTML) 6 Page - Vishay Siliconix

  TSAL5100 Datasheet HTML 1Page - Vishay Siliconix TSAL5100 Datasheet HTML 2Page - Vishay Siliconix TSAL5100 Datasheet HTML 3Page - Vishay Siliconix TSAL5100 Datasheet HTML 4Page - Vishay Siliconix TSAL5100 Datasheet HTML 5Page - Vishay Siliconix TSAL5100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
Vishay
Document Number: 91000
www.vishay.com
Revision: 08-Apr-05
1
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc.,
or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's
terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness
for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify Vishay for any damages resulting from such improper use or sale.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SEP8506 GaAs Infrared Emitting Diode 1  2  3  4  Honeywell Solid State Electronics Center
LT051PS High Power Red Laser Diode for DVD-R/DVD-RW Drive 635nm-30mW 1  2  3  Sharp Electrionic Components
CQY36N GaAs Infrared Emitting Diode in Miniature T-3/4 Package 1  2  3  4  5  More Vishay Siliconix
SE3470 AlGaAs Infrared Emitting Diode 1  2  3  4  Honeywell Solid State Electronics Center
OP298 GaAlAs Plastic Infrared Emitting Diodes 1  2  3  4  OPTEK Technologies
NCP1231 Low−Standby Power High Performance PWM Controller 1  2  3  4  5  More ON Semiconductor
NTLJD2105L POWER MOSFET 8 V 4.3 A uCool High Side Load Switch with Level Shift 2x2 mm WDFN Package 1  2  3  4  5  More ON Semiconductor
MASWSS0117 GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz 1  2  3  Tyco Electronics
ICL8021 High Reliability Low Power Bipolar Operational Amplifier 1  2  3  4  5  Intersil Corporation
JQC-25F SUBMINIATURE HIGH POWER PELAY 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn