Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTZ1000CH Datasheet(PDF) 2 Page - Linear Technology

Part # LTZ1000CH
Description  Ultra Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTZ1000CH Datasheet(HTML) 2 Page - Linear Technology

  LTZ1000CH Datasheet HTML 1Page - Linear Technology LTZ1000CH Datasheet HTML 2Page - Linear Technology LTZ1000CH Datasheet HTML 3Page - Linear Technology LTZ1000CH Datasheet HTML 4Page - Linear Technology LTZ1000CH Datasheet HTML 5Page - Linear Technology LTZ1000CH Datasheet HTML 6Page - Linear Technology LTZ1000CH Datasheet HTML 7Page - Linear Technology LTZ1000CH Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTZ1000/LTZ1000A
2
1000afc
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Heater to Substrate ...................................................35V
Collector Emitter Breakdown Q1 ...............................15V
Collector Emitter Breakdown Q2 ...............................35V
Emitter Base Reverse Bias ..........................................2V
Operating Temperature Range..........–55°C ≤ TA ≤ 125°C
Storage Temperature Range.............–65°C ≤ TA ≤ 150°C
Substrate Forward Bias............................................0.1V
(Note 1)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Zener Voltage
lZ = 5mA, (VZ + VBEQ1) IQ1 = 100μA
lZ = 1mA, (VZ + VBEQ1) IQ1 = 100μA
7.0
6.9
7.2
7.15
7.5
7.45
V
V
Zener Change with Current
1mA ≤ IZ < 5mA
80
240
mV
Zener Leakage Current
VZ = 5V
20
200
μA
Zener Noise
lZ = 5mA, 0.1Hz < f < 10Hz
1Q1 = 100μA
1.2
2
μVP-P
Heater Resistance
IL ≤ 100μA
200
300
420
Ω
Heater Breakdown Voltage
35
V
Transistor Q1 Breakdown
IC = 10μA, LVCEO
15
20
V
Transistor Q2 Breakdown
IC = 10μA, LVCEO
35
50
V
Q1, Q2 Current Gain
IC = 100μA
80
200
450
Thermal Resistance
LTZ1000
Time = 5 Minutes
LTZ1000A
Time = 5 Minutes
80
400
°C/W
°C/W
Long-Term Stability
T = 65°C
2
μV√kHr
(Note 2)
Note 2: All testing is done at 25°C. Pulse testing is used for LTZ1000A to
minimize temperature rise during testing. LTZ1000 and LTZ1000A devices
are QA tested at –55°C and 125°C.
PIN CONFIGURATION
BOTTOM VIEW
H8 PACKAGE
TO-5 METAL CAN
1
7V
Q1
Q2
3
5
4
8
7
62
TJMAX = 80°C, θJA = 400°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTZ1000ACH#PBF
LTZ1000ACH#TRPBF
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
LTZ1000CH#PBF
LTZ1000CH#TRPBF
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTZ1000ACH
LTZ1000ACH#TR
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
LTZ1000CH
LTZ1000CH#TR
8-Lead TO-5 Metal Can (.200 Inch PCD)
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTZ1000CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000CH LINER-LTZ1000CH Datasheet
134Kb / 8P
   Ultra Precision Reference
More results

Similar Description - LTZ1000CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_06 Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_12 Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
   Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com