Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTZ1000A Datasheet(PDF) 1 Page - Linear Technology

Part # LTZ1000A
Description  Ultra Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTZ1000A Datasheet(HTML) 1 Page - Linear Technology

  LTZ1000A Datasheet HTML 1Page - Linear Technology LTZ1000A Datasheet HTML 2Page - Linear Technology LTZ1000A Datasheet HTML 3Page - Linear Technology LTZ1000A Datasheet HTML 4Page - Linear Technology LTZ1000A Datasheet HTML 5Page - Linear Technology LTZ1000A Datasheet HTML 6Page - Linear Technology LTZ1000A Datasheet HTML 7Page - Linear Technology LTZ1000A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTZ1000/LTZ1000A
1
1000afc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Ultra Precision Reference
The LTZ1000 and LTZ1000A are ultra-stable temperature
controllable references. They are designed to provide 7V
outputs with temperature drifts of 0.05ppm/°C, about
1.2μVP-P of noise and long-term stability of 2μV/√kHr.
Included on the chip is a subsurface zener reference, a
heater resistor for temperature stabilization, and a tem-
perature sensing transistor. External circuitry is used to
set operating currents and to temperature stabilize the
reference. This allows maximum flexibility and best long-
term stability and noise.
The LTZ1000 and LTZ1000A references can provide su-
perior performance to older devices such as the LM199,
provided that the user implements the heater control and
properly manages the thermal layout. To simplify thermal
insulation, the LTZ1000A uses a proprietary die attach
method to provide significantly higher thermal resistance
than the LTZ1000.
Low Noise Reference
n 1.2μVP-P Noise
n 2μV/√kHr Long-Term Stability
n Very Low Hysteresis
n 0.05ppm/°C Drift
n Temperature Stabilized
n 400°C/W Thermal Resistance for LTZ1000A Reduces
Insulation Requirements
n Specified for –55°C to 125°C Temperature Range
n Offered in TO-99 package
n Voltmeters
n Calibrators
n Standard Cells
n Scales
n Low Noise RF Oscillators
Long-Term Stability
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
+
LTZ1000
OUTPUT
1N4148
LT
®1006
V
IN ≥ 10V
30k
3
7
4
6
2
0.02μF
120Ω
1000 TA01
DAYS
0
–2
0
2
10
LONG-TERM STABILITY OF A TYPICAL DEVICE FROM TIME = 0
WITH NO PRECONDITIONING OR AGING
1000 TA01b
30
20


Similar Part No. - LTZ1000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000A LINER-LTZ1000A Datasheet
385Kb / 7P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000ACH LINER-LTZ1000ACH Datasheet
134Kb / 8P
   Ultra Precision Reference
More results

Similar Description - LTZ1000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_06 Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_12 Datasheet
162Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
   Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com