Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL15 Datasheet(PDF) 3 Page - Emerson Network Power

Part # SIL15
Description  DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15 Datasheet(HTML) 3 Page - Emerson Network Power

  SIL15 Datasheet HTML 1Page - Emerson Network Power SIL15 Datasheet HTML 2Page - Emerson Network Power SIL15 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL15 Series
Single output
DC/DC CONVERTERS
15A Non-Isolated DC/DC Converters
3
NEW Product
Data Sheet © Artesyn Technologies® 2003
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note Longform Data Sheet
www.artesyn.com
Mechanical
Support
Pin 2 places
0.150
(3.81) Ref
0.120
(3.05)
13 places
1.200
(30.48)
0.025
(0.64) Typ
Pin 1
Pin 11
0.062
(1.57) Ref
0.475
±0.025
(12.08
±0.64)
0.260
±0.015
(6.70
±0.40)
1.100
(27.94)
1.050
(26.67)
0.100
(2.54)
9 places
0.150
(3.81)
0.050
(1.27)
2 places
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
Figure 1: Mechanical Drawing - Horizontal Mount Version
0.40
±0.025
(10.186
±0.635)
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
0.26
±0.015
(6.704
±0.381)
0.062
(1.57) Ref
0.075
(1.91)
1.200
(30.48)
0.025
(0.64) Typ
Pin 11
Pin 1
0.050
(1.27) Typ
0.025
(0.64) Typ
1.050
(26.67)
0.100
(2.54)
9 Places
3.81
(0.150)
0.050
(1.27)
Figure 2: Mechanical Drawing - Vertical Mount Version
File Name: SIL15.PDF Rev: 31 Jan 2003


Similar Part No. - SIL15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
SIL15-05SADJ-V ARTESYN-SIL15-05SADJ-V Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
SIL15-12SADJ-V ARTESYN-SIL15-12SADJ-V Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Meder Electronic
SIL15-1A31-71DHR MEDER-SIL15-1A31-71DHR Datasheet
511Kb / 4P
   Single-In-Line
SIL15-1A31-71LHR MEDER-SIL15-1A31-71LHR Datasheet
511Kb / 4P
   Single-In-Line
More results

Similar Description - SIL15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
   DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com