Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA963460 Datasheet(PDF) 1 Page - celduc-relais

Part # SA963460
Description  Power Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SA963460 Datasheet(HTML) 1 Page - celduc-relais

  SA963460 Datasheet HTML 1Page - celduc-relais SA963460 Datasheet HTML 2Page - celduc-relais SA963460 Datasheet HTML 3Page - celduc-relais SA963460 Datasheet HTML 4Page - celduc-relais SA963460 Datasheet HTML 5Page - celduc-relais SA963460 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
page 1 / 6F/GB
S/MON/SA963460/B/18/11/2008
SA963460
celpac
❏ Relais statique largeur 22,5mm entraxe de montage 47,6mm
compatible boitier "hochey puck".
Relais synchrone spécialement adapté aux charges résistives.
22,5mm Pitch Solid State Relay for space-saving design. Mounting
compatible with sandard "hockey puck" SSRs (47,6mm between screws)
Zero Cross Solid State Relay specially designed for resistive loads.
❏ Sortie thyristors hautes performances technologie TMS2 (*)
permettant une longue durée de vie : 24 à 600VAC 35A .
New High Efficiency Back to back thyristors on output with TMS2
technology(*) for a long lifetime expectancy: 24 to 600VAC 35A .
❏ Large plage de contrôle: 3,5 - 32VDC avec un courant de
commande régulé.
LED de visualisation sur l'entrée de couleur jaune.
Protection aux surtensions sur l'entrée intégrée.
Large control range: 3.5-32VDC with input current limiter.
Yellow LED visualization on the input.
Input over-voltage protection.
❏ Protection IP20 avec capot de protection (1K522000), voir option volets
IP20 protection with cover (1K522000) or in option by flaps
❏ Construit en conformité aux normes EN60947-4-3 (IEC947-4-3)
et EN60950/VDE0805 (Isolement renforcé) -UL-cUL en cours
Designed in conformity with EN60947-4-3 (IEC947-4-3)
and EN60950/VDE0805 (Reinforced Insulation) -UL-cUL pending
Output : 24-600VAC 35A
Input : 3,5-32VDC
(*) : Thermo Mechanical Stress Solution
Relais statique monophasé de puissance
Power Solid State Relay
Typical
application:
10kW resistor
(AC-51 load)
on 400 VAC
Application
typique:
Resistance 10 kW
(Catégorie AC-51)
en 400 VAC
Dimensions :
avec capot transparent/
with transparent cover
2/T1
1/L1
A1/+
A2/-
LED
fixation
PRELIMINARY
400VAC
livré avec capot transparent/
delivered with transparent cover


Similar Part No. - SA963460

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602 SAMES-SA9602 Datasheet
167Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA963460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
SU867070 CELDUC-SU867070 Datasheet
711Kb / 7P
   Power Solid State Relay
SO963560 CELDUC-SO963560 Datasheet
937Kb / 5P
   Power Solid State Relay
SO965560WF CELDUC-SO965560WF Datasheet
493Kb / 5P
   Power Solid State Relay
SO967560 CELDUC-SO967560 Datasheet
937Kb / 5P
   Power Solid State Relay
SU942460 CELDUC-SU942460 Datasheet
691Kb / 7P
   Power Solid State Relay
SU965460 CELDUC-SU965460 Datasheet
703Kb / 7P
   Power Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com