Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFB35048S124TY Datasheet(PDF) 4 Page - Emerson Network Power

Part # RFB35048S124TY
Description  high efficiency, enclosed, isolated dc-dc converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFB35048S124TY Datasheet(HTML) 4 Page - Emerson Network Power

  RFB35048S124TY Datasheet HTML 1Page - Emerson Network Power RFB35048S124TY Datasheet HTML 2Page - Emerson Network Power RFB35048S124TY Datasheet HTML 3Page - Emerson Network Power RFB35048S124TY Datasheet HTML 4Page - Emerson Network Power RFB35048S124TY Datasheet HTML 5Page - Emerson Network Power RFB35048S124TY Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev.11.26.07
rfb300/350
4 of 6
Embedded Power for
Business-Critical Continuity
Specifications Contd.
-Out
-Sen
+Out
Vadj
+Sen
+IN
-IN
Case
RC
1
μF
50 V
330
μF
330
μF
Figure 1 - Standard Application - 28 V Models
-Out
-Sen
+Out
Vadj
+Sen
+IN
-IN
Case
RC
1
μF
50 V
470
μF
330
μF
Figure 2 - Standard Application - 12 V Models
TEMPERATURE (ºC) BASEPLATE
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
Figure 3 - Derating Curve - All Models
Figure 4 - Typical Turn-on Delay and
Risetime RFB350-48S28Y
Channel 1: Output Voltage, Channel 2: Input Voltage
0
3
6
9
12
84
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
Figure 6 - Typical Efficiency vs.
Output Current – RFB300-48S28Y
0
3
6
9
12
83
85
87
89
91
OUTPUT CURRENT (A)
Vin = 24 V
Figure 5 - Typical Efficiency vs.
Output Current – RFB300-24S28Y


Similar Part No. - RFB35048S124TY

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB350-24S12-4TY ARTESYN-RFB350-24S12-4TY Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB350-24S12-4Y ARTESYN-RFB350-24S12-4Y Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB350-24S12-5TY ARTESYN-RFB350-24S12-5TY Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB350-24S12-5Y ARTESYN-RFB350-24S12-5Y Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
RFB350-24S12-R4TY ARTESYN-RFB350-24S12-R4TY Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
More results

Similar Description - RFB35048S124TY

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300-24S12Y ARTESYN-RFB300-24S12Y_07 Datasheet
366Kb / 6P
   RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
PQ48018QNA25 SYNQOR-PQ48018QNA25 Datasheet
724Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com