Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R0557B02 Datasheet(PDF) 1 Page - celduc-relais

Part # R0557B02
Description  REED RELAY / DRY CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

R0557B02 Datasheet(HTML) 1 Page - celduc-relais

  R0557B02 Datasheet HTML 1Page - celduc-relais R0557B02 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
R/SEC/R055.B02/A/27/01/2004
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc
Pour circuit imprimé/
For printed circuit board
Un contact normalement ouvert/
One normally open contact
sous capot métal/ In metal cover
R055 . B02
caractéristiques de contrôle/control data
7,62
10,1
3,3 ± 0,2
15,24
Ø 0,6 inscriptible
20,2
0,45 x 0,30
2,54
-
+
17
8
14
dimensions en mm /
dimensions in mm
REF.
R0555 R0556
R0557
tension max/ maximum voltage (V)
18
25
37
tension nominale/ nominal voltage (V)
512
24
tension d'action/ operate voltage to secure the function from -40 to + 85
°C (V)
3,5
8
16
tension de relachement/ release voltage (V)
0,8
1
2
consommation nominale à 20
°C/power dissipated on the coil at 20
°C (mW)
50
144
270
caractéristisques principales/
main characteristics
tension maximale de commutation/
100 VDC ou crête
maximum switching voltage
(or peak)
courant maximal de commutation /
400 mA
maximum switching current
courant traversant/
nominal current 1 A
puissance maximale/ contact rating
10 W
matériau de contact/ contact material
Rhodium
bornage : vue de dessus
pas de 2,54 mm
wiring : top view
step 2,54 mm
REF.
Marquage/Marking N
°RCE
R0555B02
100 R05 555 DE
-
R0556B02
100 R12 556 DE
-
R0557B02
100 R24 557 DE
-
RELAIS REED A CONTACT SEC/
REED RELAY / DRY CONTACT
sortie écran électrostatique en 9
electrostatic shield in 9


Similar Part No. - R0557B02

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R0557B00 CELDUC-R0557B00 Datasheet
104Kb / 2P
   REED RELAY / DRY CONTACT
More results

Similar Description - R0557B02

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R029 CELDUC-R029 Datasheet
191Kb / 2P
   REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
   REED RELAY / DRY CONTACT
R054 CELDUC-R054 Datasheet
352Kb / 2P
   REED RELAY / DRY CONTACT
F51A CELDUC-F51A Datasheet
128Kb / 2P
   REED RELAY / DRY CONTACT
R011 CELDUC-R011 Datasheet
141Kb / 2P
   REED RELAY / DRY CONTACT
R053 CELDUC-R053 Datasheet
108Kb / 2P
   REED RELAY / DRY CONTACT
R055.B00 CELDUC-R055.B00 Datasheet
104Kb / 2P
   REED RELAY / DRY CONTACT
R058 CELDUC-R058 Datasheet
140Kb / 2P
   REED RELAY / DRY REED BISTABLE CONTACT
R0580 CELDUC-R0580 Datasheet
108Kb / 2P
   REED RELAY / DRY REED BISTABLE CONTACT
F61A CELDUC-F61A Datasheet
129Kb / 2P
   REED RELAY / DRY CONTACT/ 4KVcoil/ contact insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com