Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO5600EL Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AO5600EL
Description  Complementary Enhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO5600EL Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

  AO5600EL Datasheet HTML 1Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 2Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 3Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 4Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 5Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 6Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 7Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 8Page - Alpha & Omega Semiconductors AO5600EL Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AO5600E
-
+
VD C
Ig
V ds
D U T
-
+
VD C
V gs
V gs
10V
Q g
Q gs
Q gd
C harge
G ate C harg e Test C ircuit & W aveform
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO5600EL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO5401E AOSMD-AO5401E Datasheet
153Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
AO5401EL AOSMD-AO5401EL Datasheet
153Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
AO5404E AOSMD-AO5404E Datasheet
120Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO5404E VBSEMI-AO5404E Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO5800 AOSMD-AO5800 Datasheet
137Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO5600EL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com