Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO5600E Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO5600E
Description  Complementary Enhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO5600E Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO5600E Datasheet HTML 1Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 2Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 3Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 4Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 5Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 6Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 7Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 8Page - Alpha & Omega Semiconductors AO5600E Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AO5600E
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
±1
µA
±100
µA
VGS(th)
0.45
0.6
1
V
ID(ON)
3A
0.54
0.65
TJ=125°C
0.81
1
0.63
0.75
0.73
0.95
gFS
1.5
S
VSD
0.65
1
V
IS
0.4
A
Ciss
35
45
pF
Coss
8pF
Crss
6pF
Qg
0.63
1
nC
Qgs
0.08
nC
Qgd
0.16
nC
tD(on)
4.5
ns
tr
3.3
ns
tD(off)
70
ns
tf
35
ns
trr
8
10
ns
Qrr
2
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
IF=0.5A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=0.5A, dI/dt=100A/µs
VGS=5V, VDS=10V, RL=50Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
SWITCHING PARAMETERS
VGS=4.5V, VDS=10V, ID=0.5A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
IGSS
Gate-Body leakage current
On state drain current
RDS(ON)
Static Drain-Source On-Resistance
Gate Threshold Voltage
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V
N-channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
µΑ
VDS=0V, VGS=±4.5V
VDS=0V, VGS=±8V
VDS=VGS ID=250µA
VGS=4.5V, ID=0.5A
VGS=2.5V, ID=0.5A
VGS=1.8V, ID=0.3A
VGS=4.5V, VDS=5V
Maximum Body-Diode Continuous Current
IS=0.1A,VGS=0V
VGS=0V, VDS=10V, f=1MHz
Forward Transconductance
VDS=5V, ID=0.5A
Diode Forward Voltage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
DYNAMIC PARAMETERS
A: The value of RθJA is measured with the device in a still air environment with T A =25°C. The power dissipation PDSM and current rating IDSM are
based on TJ(MAX)=150°C, using the steady state junction-to-ambient thermal resistance.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The RθJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. The maximum current rating is limited by bond-wires.
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t
10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The maximum current rating is limited by bond-wires
Rev5: Oct 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO5600E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO5401E AOSMD-AO5401E Datasheet
153Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
AO5401EL AOSMD-AO5401EL Datasheet
153Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
AO5404E AOSMD-AO5404E Datasheet
120Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO5404E VBSEMI-AO5404E Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO5800 AOSMD-AO5800 Datasheet
137Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO5600E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com