Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8022MPV Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8022MPV
Description  1A, 36V DC/DC 關Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022MPV Datasheet(HTML) 3 Page - Linear Technology

  LTM8022MPV Datasheet HTML 1Page - Linear Technology LTM8022MPV Datasheet HTML 2Page - Linear Technology LTM8022MPV Datasheet HTML 3Page - Linear Technology LTM8022MPV Datasheet HTML 4Page - Linear Technology LTM8022MPV Datasheet HTML 5Page - Linear Technology LTM8022MPV Datasheet HTML 6Page - Linear Technology LTM8022MPV Datasheet HTML 7Page - Linear Technology LTM8022MPV Datasheet HTML 8Page - Linear Technology LTM8022MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8022
3
8022fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8022E is guaranteed to meet performance specifications
from 0°C to 85°C ambient. Specifications over the full –40°C to
85°C ambient operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM8022I is guaranteed to meet specifications over the full –40°C to 85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
3.6
36
V
VOUT
Output DC Voltage
0V < IOUT < 1A, RADJ Open
0V < IOUT < 1A, RADJ = 43.2k
0.8
10
V
V
RADJ(MIN)
Minimum Allowable RADJ
(Note 3)
42.2
IOUT(MAX)
Continuous Output DC Current
4V < VIN < 36V, COUT = 51μF (Note 4)
0
1
A
IQVIN
VIN Quiescent Current
VRUN/SS = 0.2V, RT = 174k
VBIAS = 3V, Not Switching, RT = 174k (E, I)
VBIAS = 3V, Not Switching, RT = 174k (MP)
VBIAS = 0V, Not Switching, RT = 174k
l
l
0.1
25
25
85
0.5
60
350
120
μA
μA
μA
μA
IQBIAS
BIAS Quiescent Current
VRUN/SS = 0.2V, RT = 174k
VBIAS = 3V, Not Switching, RT = 174k (E, I)
VBIAS = 3V, Not Switching, RT = 174k (MP)
VBIAS = 0V, Not Switching, RT = 174k
l
l
0.03
50
50
1
0.5
120
200
5
μA
μA
μA
μA
ΔVOUT/VOUT
Line Regulation
3.6V < VIN < 36V, IOUT = 1A, VOUT = 3.3V
0.1
%
ΔVOUT/VOUT
Load Regulation
VIN = 24V, 0V < IOUT < 1A, VOUT = 3.3V,
COUT = 51μF
0.4
%
VOUT(AC_RMS)
Output Ripple (RMS)
VIN = 24V, IOUT = 1A, VOUT = 3.3V,
COUT = 51μF
10
mV
fSW
Switching Frequency
RT = 113kΩ, COUT = 51μF
325
kHz
ISC(OUT)
Output Short-Circuit Current
VIN = 36V, VOUT = 0V
3
A
VADJ
Voltage at ADJ Pin
COUT = 51μF
l
765
790
805
mV
VBIAS(MIN)
Minimum BIAS Voltage for Proper Operation
1.9
2.4
V
IADJ
Current Out of ADJ Pin
ADJ = 1V, COUT = 51μF
2
μA
IRUN/SS
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
VIH(RUN/SS)
RUN/SS Input High Voltage
COUT = 51μF
2.5
V
VIL(RUN/SS)
RUN/SS Input Low Voltage
COUT = 51μF
0.2
V
VPG(TH)
PG Threshold
VFB Rising
730
mV
IPGO
PG Leakage
VPG = 30V
0.1
1
μA
IPG(SINK)
PG Sink Current
VPG = 0.4V
200
800
μA
VSYNC(IL)
SYNC Low Threshold
fSYNC = 550kHz, COUT = 51μF
0.5
V
VSYNC(IH)
SYNC High Threshold
fSYNC = 550kHz, COUT = 51μF
0.7
V
ISYNC(BIAS)
SYNC Pin Bias Current
VSYNC = 0V
0.1
μA
The
l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBIAS = 3V, RT = 60.4kΩ, CIN = 2.2μF, COUT = 4.7μF,
unless otherwise specified. (Note 2)
ambient operating temperature range. The LTM8022MP is guaranteed to
meet specifications over the full –55°C to 125°C temperature range. Note
that the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 3: Guaranteed by design.
Note 4: COUT = 51μF is composed of a 4.7μF ceramic capacitor and a 47μF
electrolytic.


Similar Part No. - LTM8022MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8022 LINER-LTM8022 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8022 LINER-LTM8022 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8022 LINER-LTM8022 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM8022MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
   200mA, 36V DC/DC 關Module
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
logo
Maxim Integrated Produc...
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
   One 18V–36V DC, 1A power supply
Rev 2; 1/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com