Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8021IV-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8021IV-PBF
Description  36VIN, 500mA Step-Down DC/DC 關Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021IV-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTM8021IV-PBF Datasheet HTML 1Page - Linear Technology LTM8021IV-PBF Datasheet HTML 2Page - Linear Technology LTM8021IV-PBF Datasheet HTML 3Page - Linear Technology LTM8021IV-PBF Datasheet HTML 4Page - Linear Technology LTM8021IV-PBF Datasheet HTML 5Page - Linear Technology LTM8021IV-PBF Datasheet HTML 6Page - Linear Technology LTM8021IV-PBF Datasheet HTML 7Page - Linear Technology LTM8021IV-PBF Datasheet HTML 8Page - Linear Technology LTM8021IV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTM8021
5
8021fb
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current
Input Current vs Output Current
Input Quiescent Current
vs Input Voltage
Minimum Input Running Voltage
vs Output Voltage
TA = 25°C, unless otherwise noted
Input Current vs Output Current
Output Short-Circuit Current
vs Input Voltage
OUTPUT CURRENT (mA)
0
100
350
400
100
200
300
0
250
50
300
200
150
50
150
400
500
250
350
450
8021 G09
VIN = 5V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 2.5V
OUTPUT CURRENT (mA)
0
100
300
100
200
300
0
250
50
200
150
50
150
400
500
250
350
450
8021 G10
VIN = 12V
VOUT = 1.8V
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
OUTPUT CURRENT (mA)
0
40
140
100
200
300
0
100
20
120
80
60
50
150
400
500
250
350
450
8021 G11
VIN = 24V
VOUT = 1.8V
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
INPUT VOLTAGE (V)
0
1000
3000
10
20
30
0
2500
500
2000
1500
5
15
40
25
35
8021 G12
VO = 3.3V
OUTPUT VOLTAGE (V)
0
0
2
4
6
1
2
345
1
3
5
7
6
8021 G13
IOUT = 500mA
INPUT VOLTAGE (V)
4
840
860
880
32
820
800
12
20
8
16
24
36
28
740
720
780
900
760
8021 G14
VOUT = 3.3V


Similar Part No. - LTM8021IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8021 LINER-LTM8021 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8021 LINER-LTM8021 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8021 LINER-LTM8021 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8021 LINER-LTM8021 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8021 LINER-LTM8021_15 Datasheet
384Kb / 18P
   36VIN, 500mA Step-Down DC/DC Module
More results

Similar Description - LTM8021IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8021 LINER-LTM8021_15 Datasheet
384Kb / 18P
   36VIN, 500mA Step-Down DC/DC Module
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Linear Technology
LTM8029 LINER-LTM8029 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Linear Technology
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com