Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQS80A48-1V8J Datasheet(PDF) 1 Page - Emerson Network Power

Part # LQS80A48-1V8J
Description  Quarter-Brick Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS80A48-1V8J Datasheet(HTML) 1 Page - Emerson Network Power

  LQS80A48-1V8J Datasheet HTML 1Page - Emerson Network Power LQS80A48-1V8J Datasheet HTML 2Page - Emerson Network Power LQS80A48-1V8J Datasheet HTML 3Page - Emerson Network Power LQS80A48-1V8J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
1
2 YEAR WARRANTY
NEW Product
All specifications are typical at nominal input, full load at 25 °C ambient unless otherwise stated
SPECIFICATIONS
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
Quarter-Brick Series
Single output
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E135734/60950
VDE Certificate No. 10401-3336-0197
EMC CHARACTERISTICS
Immunity:
ESD air enclosure
EN61000-4-2 8 kV/6 kV(O/P within spec.)
Radiated field enclosure
EN61000-4-3 10 V/m (O/P within spec.)
Conducted
EN61000-4-6 10 V
(O/P within spec.)
Input transients
100 V, 100 ms
GENERAL SPECIFICATIONS
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
480 kHz
Approvals and
(See Note 3)
EN60950-1 VDE
standards
UL/cUL 60950
Material flammability
UL94V-0
Weight
37 g (1.30 oz)
MTBF
Telcordia Tech SR-332 3,866,933 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
PROTECTION
Short-circuit
Continuous
Overvoltage
Non-latching
Thermal
125 ºC hot spot temperature
with automatic recovery
Patent No. 6,765,810
Other Patents Pending
OUTPUT SPECIFICATIONS
Voltage adjustability
80% to 110%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Transient response
70 mV,
(See Note 1)
typ. deviation
20 µs recovery
INPUT SPECIFICATIONS
Input voltage range
24 V nominal
18-36 Vdc
48 V nominal
36-75 Vdc
Input current
No load
85 mA to 150 mA
Remote OFF
5 mA
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2.4 Vdc
OFF
<0.4 Vdc
Undervoltage lockout
Power up
35.5 V (typ.)
Power down
33.5 V (typ.)
Start-up time
Power up
10 ms (typ.)
(See Note 2)
Remote ON/OFF
10 ms (typ.)
Ultra high efficiency topology
Unprecedented useable output power levels
High power density (200 W/in3) open-frame technology
Wide ambient temperature range, -40 ºC to +85 ºC
80% to 110% output trim
Monotonic start-up in normal and prebiased loads
Basic insulation system
Overvoltage and overtemperature protection
Secondary side control, no optocouplers,
fast transient response
100 V, 100 ms input transient rated
Available RoHS compliant
This is a new high efficiency, open-frame, low profile, single board, isolated dc-dc converter
series in an industry standard quarter-brick package that provides up to 200 W of output power.
The series delivers very high output current at low voltages, and excellent useable power for
today’s high performance applications. The series features two input voltage ranges of 18 Vdc
to 36 Vdc and 36 Vdc to 75 Vdc and is available with output voltages of 1.2 V, 1.5 V, 1.8 V,
2.5 V, 3.3 V and 5 V. The output voltage is adjustable from 80% to 110% of the nominal value.
The series also has a remote ON/OFF capability. Overcurrent, overvoltage and overtemperature
protection features are included as standard. Full international safety approval including
EN60950-1 VDE and UL/cUL60950, reduces compliance costs and time to market.


Similar Part No. - LQS80A48-1V8J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS80A48-1V8J EMERSON-NETWORKPOWER-LQS80A48-1V8J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
logo
Artesyn Technologies
LQS80A48-1V8J ARTESYN-LQS80A48-1V8J Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - LQS80A48-1V8J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
DATEL, Inc.
QBR_17 DATEL-QBR_17_10 Datasheet
1Mb / 21P
   Railway Quarter-Brick QBR Series
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com