Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQD30A48-3V3-1V5J Datasheet(PDF) 1 Page - Emerson Network Power

Part # LQD30A48-3V3-1V5J
Description  Quarter-Brick Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQD30A48-3V3-1V5J Datasheet(HTML) 1 Page - Emerson Network Power

  LQD30A48-3V3-1V5J Datasheet HTML 1Page - Emerson Network Power LQD30A48-3V3-1V5J Datasheet HTML 2Page - Emerson Network Power LQD30A48-3V3-1V5J Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
High Current, High Efficiency, Low Profile
1
2 YEAR WARRANTY
NEW Product
All specifications are typical at nominal input, full load at 25 °C ambient unless otherwise stated
SPECIFICATIONS
File Name: quarter_brick_dual.pdf Rev (01): 29 Mar 2006
Two independent outputs
High full load efficiency
Wide ambient temperature range of -40 ºC to +85 ºC
Up to 100% load imbalance
Tracking, monotonic start-up
Starts into pre-biased outputs
Basic insulation system
Over-voltage and over-temperature protection
100 V, 100 ms input voltage transient response
Secondary side control, no optocouplers,
fast transient load response
Available RoHS compliant
These are new high efficiency, open-frame, isolated 40 A converters in an industry standard dual
quarter-brick footprint. These converters deliver high output current at low voltages, and excel-
lent useable power density for today’s high end applications. This series features an input volt-
age range of 36 Vdc to 75 Vdc and output voltages of 1.2 V/3.3 V, 1.5 V/3.3 V, 1.8 V/3.3 V 2.5
V/3.3 V, and 5 V/3.3 V. The output voltage on each model is adjustable from 90% to 110% of
the nominal value. Typical efficiencies are 90%. This series also has a remote ON/OFF capabili-
ty. Over-current and over-voltage protection features are included as standard. Designed to
meet international safety agency approvals, including EN60950-1 and UL/cUL60950, this series
reduces compliance costs and time to market.
Quarter-Brick Series
Dual output
OUTPUT SPECIFICATIONS
Voltage adjustability
Both outputs
±10% min.
Minimum load
Both outputs
0%
Ripple and noise
20 MHz bandwidth
50 mV pk-pk max.
15 mV rms max.
Short circuit protection
Both outputs
Turn-on characteristics
Both outputs
Monotonic
INPUT SPECIFICATIONS
Input voltage range
48 V nominal
36-75 Vdc
Input current
No load
80 mA max.
Remote OFF
6 mA max.
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2.4 Vdc
OFF
<0.4 Vdc
Undervoltage lockout
Power up
35.5 V (typ.)
Power down
33.5 V (typ.)
Start-up time
Power up
14 ms (typ.)
Remote ON/OFF
14 ms (typ.)
Patent No. 6,765,810
Other Patents Pending
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E135734/60950
VDE Certificate No. 10401-3336-0197
EMC CHARACTERISTICS
Immunity:
ESD air enclosure
EN61000-4-2 8 kV/6 kV(O/P within spec.)
Radiated field enclosure
EN61000-4-3 10 V/m
(O/P within spec.)
Conducted
EN61000-4-6 10 V
(O/P within spec.)
Input transients
100 V, 100 ms
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
480 kHz
Approvals and
(See Notes 1 and 2)
EN60950-1 VDE
standards
UL/cUL 60950
Material flammability
UL94V-0
Weight
34 g (1.2 oz)
MTBF
Telcordia Tech SR-332 2,883,816 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient.,
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
PROTECTION
Short-circuit
Continuous
Overvoltage
Non-latching
Thermal
125 ºC hot spot temperature with
automatic recovery


Similar Part No. - LQD30A48-3V3-1V5J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQD15MN1N0B02D MURATA-LQD15MN1N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N0W02D MURATA-LQD15MN1N0W02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N1B02D MURATA-LQD15MN1N1B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N1W02D MURATA-LQD15MN1N1W02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N2B02D MURATA-LQD15MN1N2B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
More results

Similar Description - LQD30A48-3V3-1V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
DATEL, Inc.
QBR_17 DATEL-QBR_17_10 Datasheet
1Mb / 21P
   Railway Quarter-Brick QBR Series
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com