Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4498L Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4498L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4498L Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4498L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4498L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4498L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4498L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4498L Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4498L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AO4498L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
1020
3040
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=15V
ID=18A
0.0
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µs
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-Ambient (Note F)
TJ(Max)=150°C
TA=25°C
100ms
10ms
0
20
40
60
80
100
120
0.000001
0.00001
0.0001
0.001
Time in avalanche, tA (s)
Figure 12: Single Pulse Avalanche capability (Note
C)
TA=25°C
TA=150°
TA=100°
TA=125°
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4498L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4498 AOSMD-AO4498 Datasheet
191Kb / 6P
   30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4498 KEXIN-AO4498 Datasheet
1Mb / 5P
   N-Channel MOSFET
AO4498-HF KEXIN-AO4498-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4498E AOSMD-AO4498E Datasheet
267Kb / 5P
   30V N-Channel MOSFET
More results

Similar Description - AO4498L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com