Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV03020WAH Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTV03020WAH
Description  DC-DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTV03020WAH Datasheet(HTML) 2 Page - Emerson Network Power

  PTV03020WAH Datasheet HTML 1Page - Emerson Network Power PTV03020WAH Datasheet HTML 2Page - Emerson Network Power PTV03020WAH Datasheet HTML 3Page - Emerson Network Power PTV03020WAH Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: ptv03020w.pdf Rev (02): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
2
NEW Product
N
No
otte
es
s
1
Remote ON/OFF. Positive logic
ON:
Pin 3 open; or V > Vin - 0.5 V
OFF:
Pin 3 GND; or V < 0.6 V
2
See Figure 1 for safe operating curve.
3
A 680 µF electrolytic input capacitor is required for proper operation as
well as a 2 2µF high-frequency ceramic capacitor. The electrolytic
capacitor must be rated for a minimum of 750 mA rms of ripple current.
4
An external output capacitor is not required for basic operation. Adding
33 0µF of distributed capacitance at the load will improve the transient
response.
5
1A/µs load step, 50 to 100% Iomax, C3 = 330 µF.
6
If utilized Vout will track applied voltage by ±0.3 V (up to Vo set point).
7
The pre-bias start-up feature is not compatible with Auto-Track™. This is
because when the module is under Auto-Track™ control, it is fully active
and will sink current if the output voltage is below that of a back-feeding
source. Therefore to ensure a pre-bias hold-off, one of the following two
techniques must be followed when input power is first applied to the
module. The Auto-Track™ function must either be disabled, or the
module’s output held off using the Inhibit pin. Refer to Application Note
197 for more details.
8
The set-point voltage tolerance is affected by the tolerance and stability
of Rset. The stated limit is unconditionally met if Rset has a tolerance of
1% with 100/
ºC or better temperature stability.
9
To order Pb-free (RoHS compatible) through-hole parts replace the
mounting option ‘H’ with ‘D’, e.g. PTV03020WAD.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(MAX.)
LINE
LOAD
NUMBER
(9,10)
(MAX.)
(MIN.)
(MAX.) (2)
45 W
2.95-3.6 Vdc
0.8-2.5 Vdc
0 A
18 A
96%
±5 mV
±5 mV
PTV03020W
PTV03020
3.3 Vin single output
Part Number System with Options
Product Family
Point of Load Alliance
Compatible
Mounting Version
V = Vertical
Mounting Style (9)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
The ultra-wide output voltage trim range offers major advantages to users who
select the PTV03020. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8 Vdc to 2.5 Vdc. When the PTV03020 converter
leaves the factory the output has been adjusted to the default voltage of 0.8 V
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e P
PT
TV
V0
03
30
02
20
0 S
Se
erriie
es
s
Output Current
02 = 18 A
Input Voltage
03 = 3.3 V
Mechanical Package
Always 0
PTV03020W AH
Pin Style
A = Through-Hole Std. Pin Length (0.150”)
Output Voltage Code
W = Wide
EFFICIENCY TABLE (IO = 12 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 2.5 V
95
Vo = 1.8 V
92
Vo = 1.5 V
90
Vo = 1.2 V
88
Vo = 1.0 V
86
Vo = 0.8 V
83


Similar Part No. - PTV03020WAH

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTV03020W ARTESYN-PTV03020W Datasheet
230Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results

Similar Description - PTV03020WAH

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com